データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-151-R

  • AI
    The **FCR-151-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Resistor** or a specific **Precision Chip Resistor** depending on the manufacturer (commonly associated with brands like ASJ or specialized industrial suppliers). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Key Technical Specifications | Parameter | Standard Value/Type | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive electronic component. | | **Package / Case** | 0603 or 0805 | Varies by manufacturer, but usually a standard SMD footprint. | | **Resistance Value** | 150 Ohms | Indicated by the "151" code ($15 \times 10^1$). | | **Tolerance** | $\pm$ 1% to 5% | The "R" or subsequent suffix often denotes the tolerance/packaging. | | **Power Rating** | 0.1W - 0.25W | Standard rating for small signal processing. | | **Material** | Thick Film | Conductive paste printed onto a ceramic substrate. | --- ### 2. Electronic Identification Code The part number follows a standard nomenclature used in electronic manufacturing: * **FCR**: Often refers to the series (e.g., **F**lame retardant **C**hip **R**esistor or a specific manufacturer series). * **151**: The numerical resistance code. * **15**: The first two significant digits. * **1**: The multiplier ($10^1$). * Calculation: $15 \times 10 = 150 \Omega$. * **R**: Generally signifies the packaging type (e.g., **R**eel) or a specific tolerance grade. --- ### 3. Construction Details The internal architecture of an FCR series resistor consists of several layers: 1. **Ceramic Substrate:** High-purity Alumina ($Al_2O_3$) for thermal stability. 2. **Resistive Element:** A ruthenium oxide-based thick film layer. 3. **Protective Coating:** An epoxy or glass overglaze to prevent moisture ingress and mechanical damage. 4. **Terminations:** Multi-layer end electrodes (usually Tin over Nickel over Silver) to ensure excellent solderability. --- ### 4. Applications The FCR-151-R is used in circuits where space is limited and reliable resistance is required: * **Current Limiting:** Protecting LEDs or low-power transistors. * **Voltage Dividers:** Establishing reference voltages in sensor circuits. * **Impedance Matching:** Used in high-frequency signal lines to prevent reflections. * **Consumer Electronics:** Found in smartphones, tablets, and laptop motherboards. --- ### 5. Standard Operating Conditions * **Operating Temperature:** Generally $-55^\circ C$ to $+155^\circ C$. * **Derating:** Power handling capability usually drops linearly once the ambient temperature exceeds $70^\circ C$.
    ✨ Follow-up Questions
    • ⤷ What is the exact package size (e.g.
    • ⤷ 0603 or 0805) for the FCR-151-R in your specific project?
    • ⤷ Do you require the datasheet for a specific manufacturer like ASJ or KOA Speer?
    • ⤷ Are you looking for an equivalent replacement with a higher power rating?