データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-160-R

  • AI
    The **FCR-160-R** is a high-performance, chassis-mount power resistor commonly used in industrial electronics for heat dissipation, motor braking, and power conversion. Below is a detailed technical breakdown of its electronic characteristics. --- ### 1. General Specifications The FCR-160-R belongs to a series of metal-clad (often aluminum) wirewound resistors. The "160" typically denotes its power rating, while the "R" indicates its resistance value (or range). | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Power Rating** | 160 Watts | Rated at a standard ambient temperature (approx. 25°C). | | **Resistance Type** | Wirewound | High stability and surge handling capability. | | **Housing Material** | Aluminum | Designed for efficient heat transfer to a heatsink. | | **Tolerance** | ±5% (standard) | Can vary depending on the specific sub-model (J or K). | | **Dielectric Strength** | 2000V AC | Insulation between the internal wire and the chassis. | --- ### 2. Core Electronic Components The internal construction of the FCR-160-R is designed to handle high energy loads: * **Resistive Element:** A precision-wound alloy wire (often Ni-Cr) wrapped around a ceramic core. This allows for high thermal stability. * **Encapsulant:** High-temperature silicone or cement that secures the wire and provides electrical insulation from the outer shell. * **Chassis (The "Heat Sink"):** The gold or silver-colored aluminum body features "fins" to increase surface area for convective cooling. * **Terminals:** Usually features screw-down terminals or flying leads to handle the high current associated with a 160W rating. --- ### 3. Electronic Performance Characteristics #### A. Thermal Dissipation The FCR-160-R is a **chassis-mount** component. Its electronic performance is strictly tied to its thermal environment. * **With Heatsink:** Can operate at the full 160W rating. * **Without Heatsink (Free Air):** The power rating drops significantly (often by 50-70%) to prevent melting the internal insulation. #### B. Inductance Because it is a wirewound resistor, it possesses **parasitic inductance**. * **Usage:** Best for DC or low-frequency AC applications. * **Limitation:** Not recommended for high-speed switching or RF circuits where inductance would distort the signal. --- ### 4. Typical Applications In electronic systems, the FCR-160-R is used for: 1. **Dynamic Braking:** Dissipating kinetic energy from electric motors as heat. 2. **Inrush Current Limiting:** Protecting power supplies from large surges when first turned on. 3. **Dummy Loads:** Simulating a real component during circuit testing. 4. **Voltage Dividers:** In heavy-duty power distribution systems. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the FCR-160-R before derating?
    • ⤷ How does the 'R' suffix change the specific resistance value in this model?
    • ⤷ What are the recommended heatsink dimensions for a 160W load?