データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-1D-R

  • AI
    The **FCR-1D-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Current Sense Resistor** or a specific type of **Film Resistor** (depending on the specific manufacturer series, often associated with brands like Ohmite or Kamaya). The "R" suffix generally denotes the packaging type (Tape & Reel) or a specific resistance tolerance. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics found in this component class: | Feature | Specification (Standard) | | :--- | :--- | | **Component Type** | Thick Film / Current Sense Resistor | | **Resistance Value** | Determined by the code (e.g., 1D might signify a specific ohmic value) | | **Power Rating** | Usually 0.1W to 1W (Size dependent) | | **Tolerance** | ±1% or ±5% (Standard for FCR series) | | **Operating Temp** | -55°C to +155°C | | **Package Style** | SMD (Surface Mount Device) | --- ### 2. Internal Composition The FCR-1D-R is constructed using several layers of electronic materials to ensure stability: 1. **Substrate:** A high-purity Alumina ($Al_2O_3$) ceramic base for heat dissipation. 2. **Resistive Element:** A ruthenium-oxide-based thick film paste screened onto the substrate. 3. **Termination:** Triple-layer plating (usually Silver/Nickel/Tin) to ensure excellent solderability and prevent "leaching" during the assembly process. 4. **Protective Coating:** An epoxy or glass overcoat to protect the resistive element from humidity and mechanical damage. --- ### 3. Circuit Functions In an electronic assembly, the FCR-1D-R performs several critical roles: * **Current Sensing:** Used in power management circuits to monitor the amount of current flowing by measuring the voltage drop across the resistor. * **Voltage Division:** Acting as part of a network to provide specific reference voltages to integrated circuits (ICs). * **Circuit Protection:** Acting as a "fusing" element in some low-power applications to protect sensitive downstream components from over-current. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: ```text FCR - 1 - D - R | | | | Series Size Tolerance Packaging (Reel) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the '1D' code in this series?
    • ⤷ Is the FCR-1D-R RoHS compliant for lead-free soldering?
    • ⤷ Can this resistor be used in high-frequency RF applications?