データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-4WA-R

  • AI
    ## Overview of FCR-4WA-R Electronic Components The **FCR-4WA-R** is an advanced electronic controller typically used in industrial automation, specifically for **thyristor (SCR) power regulation**. It is designed to manage the firing pulse of power modules to control voltage, current, or power delivered to a load. --- ### Core Electronic Sections | Component Category | Description | Function | |:---|:---|:---| | **Microcontroller (MCU)** | The "brain" of the unit. | Processes control algorithms (PID), monitors inputs, and determines the firing angle. | | **Pulse Transformer** | High-frequency isolation component. | Provides galvanic isolation between the low-voltage control circuit and high-voltage power thyristors. | | **A/D Converters** | Analog-to-Digital circuits. | Converts incoming sensor data (4-20mA or 0-10V) into digital values for the MCU. | | **Opto-Isolators** | Optical coupling components. | Protects the internal logic from electrical noise and spikes coming from the feedback loops. | | **Power Supply Unit** | Internal SMPS or Linear regulator. | Steps down input AC/DC to 5V/12V for internal logic and gate driving. | --- ### Key Technical Features The electronic design of the FCR-4WA-R focuses on precision and thermal management: 1. **Phase-Angle Control Circuitry**: - Uses zero-crossing detection to synchronize with the AC line frequency (50/60Hz). - Precisely calculates the delay time to trigger the SCRs for smooth power graduation. 2. **Feedback Control Loops**: - Integrated circuits that handle Constant Current, Constant Voltage, or Constant Power modes. 3. **Protection Electronics**: - **Varistors (MOVs)**: Protect against transient voltage surges. - **Current Transformers (CT)**: Sense output current to trigger electronic over-current shutdowns. --- ### Input/Output Interface The electronic terminal block typically supports the following connections: * **Control Inputs**: Supports standard industrial signals like `4-20mA`, `1-5V DC`, or `0-10V DC`. * **Alarm Relays**: Dry contact outputs used to signal system faults (Over-temperature, Phase Loss). * **Communication Port**: Often includes an **RS-485** interface using the Modbus RTU protocol for remote electronic monitoring. --- ### Typical Internal Architecture Code Example *Note: This is a simplified logic representation of how the internal MCU processes a control signal.* ```cpp // Pseudocode for FCR-4WA-R Firing Logic float inputSignal = readAnalog(PIN_CONTROL); // 4-20mA input float feedback = readAnalog(PIN_CURRENT_CT); if (inputSignal > threshold) { int firingAngle = calculatePID(inputSignal, feedback); generatePulse(firingAngle, SYNC_PHASE); } else { disableOutput(); // Safety cutoff } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific power ratings supported by the FCR-4WA-R series?
    • ⤷ How do I configure the RS-485 communication parameters on this device?
    • ⤷ What are the common error codes indicated by the onboard LEDs?