FCR-B6-R
AI

The **FCR-B6-R** is an electronic component primarily classified as a **Rotary Coding Switch** (often referred to as a BCD or Hexadecimal encoded switch). These parts are commonly manufactured by companies like **Copalelectronics (Nidec)** or similar industrial component suppliers.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Specifications
The FCR series typically features a compact design for PCB mounting, used to set parameters or addresses in electronic circuits.
| Feature | Specification |
| :--- | :--- |
| **Type** | Rotary Coded Switch |
| **Code Type** | Binary Coded Decimal (BCD) or Hexadecimal |
| **Number of Positions** | 10 (0-9) or 16 (0-F) |
| **Mounting Type** | Through-Hole (Right Angle/Horizontal) |
| **Terminal Pitch** | Standard 2.54mm (0.1 inch) |
| **Actuator Style** | Recessed Screwdriver Slot or Shaft |
---
### 2. Electrical Characteristics
These switches are designed for low-power signal switching, not for driving heavy loads.
* **Switching Capacity:** Usually around **100mA, 5V DC**.
* **Non-Switching Capacity:** Up to **100mA, 50V DC** (current the part can carry while stationary).
* **Contact Resistance:** Typically **100mΩ maximum**.
* **Insulation Resistance:** **1,000MΩ minimum** at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
---
### 3. Pinout & Binary Logic
The "R" in the part number often indicates a **Real Code** (as opposed to Complement Code). In a Real Code configuration, the switch connects the "Common" pin to the numbered output pins based on binary logic:
| Position | Pin 1 (2⁰) | Pin 2 (2¹) | Pin 4 (2²) | Pin 8 (2³) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Open |
| **1** | **Closed** | Open | Open | Open |
| **2** | Open | **Closed** | Open | Open |
| **3** | **Closed** | **Closed** | Open | Open |
---
### 4. Key Applications
* **Address Setting:** Setting IDs for devices on a communication bus (like RS-485 or CAN bus).
* **Mode Selection:** Choosing operating modes on industrial motherboards.
* **Configuration:** Adjusting hardware settings without the need for a software interface or display.
---
### 5. Mechanical Features
* **Rotor Direction:** The "B6" variant usually indicates a specific orientation (Right Angle), allowing the switch to be adjusted from the side of a PCB.
* **Sealing:** Most FCR models are O-ring sealed or wash-tight, allowing them to withstand wave soldering and board washing processes.
- ⤷
What is the difference between 'Real Code' and 'Complement Code' in rotary switches?
- ⤷ How do I wire a pull-up resistor to an FCR-B6-R for a microcontroller?
- ⤷ Can the FCR-B6-R be used in AC high-voltage circuits?