データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-C0-R

  • AI
    The **FCR-C0-R** is an electronic component primarily classified as a **Film Capacitor**, specifically a Metalized Polyester Film Capacitor (often referred to as a "Mylar" capacitor). These are widely used in general-purpose electronic circuits for filtering, decoupling, and timing applications. --- ### 1. Key Technical Specifications The part number "FCR-C0-R" follows a standard coding convention for film capacitors. Below are the typical characteristics associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Dielectric Material** | Polyethylene Terephthalate (PET) | | **Construction** | Metalized Film (Inductive or Non-inductive) | | **Capacitance Range** | Typically 0.001µF to 0.47µF (depending on the full suffix) | | **Voltage Rating** | Generally 50V to 100V DC | | **Tolerance** | ±5% (J), ±10% (K), or ±20% (M) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Physical Characteristics * **Encapsulation:** Usually dipped in an epoxy resin coating (often red, brown, or green) which provides moisture and heat resistance. * **Termination:** Radial leads (two wires protruding from the bottom) intended for **Through-Hole Technology (THT)** mounting on Printed Circuit Boards (PCBs). * **Marking:** The body typically displays the capacitance code (e.g., 104 for 0.1µF), voltage, and tolerance letter. --- ### 3. Functional Roles in Circuits The FCR-C0-R serves several critical functions depending on the circuit design: 1. **Blocking:** It allows AC signals to pass while blocking DC current, common in audio signal paths. 2. **Bypassing/Decoupling:** It shunts high-frequency noise from power supply lines to the ground to stabilize integrated circuits. 3. **Filtering:** Used in low-pass or high-pass filters to remove unwanted frequencies. 4. **Timing:** Can be paired with a resistor (RC circuit) to create specific time delays. --- ### 4. Code Breakdown Example If we look at a typical variant of this part number (e.g., *FCR 104 K C0 R*): ```text FCR - Series Name (Film Capacitor Radial) 104 - Capacitance Value (10 + four zeros = 100,000pF or 0.1µF) K - Tolerance (±10%) C0 - Voltage Rating Code (e.g., 50V or 100V depending on manufacturer) R - RoHS Compliant / Taping Style ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between FCR film capacitors and ceramic capacitors?
    • ⤷ How do I identify the voltage rating from the 'C0' code specifically?
    • ⤷ Can this capacitor be used in high-frequency AC power applications?