データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-F4-R

  • AI
    The **FCR-F4-R** typically refers to a high-performance **Flight Controller (FC)**, often associated with the F4 architecture and used in FPV (First Person View) drones or robotics. --- ### 1. Core Technical Specifications The electronic architecture of the FCR-F4-R is centered around the STM32F4 series processor, which provides a balance between processing speed and power efficiency. | Component | Specification | Function | | :--- | :--- | :--- | | **MCU** | STM32F405 (typically) | The brain; executes PID loops and flight logic. | | **IMU (Gyro/Accel)** | MPU6000 or ICM42688P | Measures orientation, rotation, and vibration. | | **OSD Chip** | AT7456E | Overlays flight data (battery, altitude) onto video. | | **Blackbox Memory** | 16MB - 128MB Flash | Records flight logs for tuning and troubleshooting. | | **BEC** | 5V/2A and 9V/2A | Steps down battery voltage for peripheral power. | --- ### 2. Physical Layout & Connectivity The PCB (Printed Circuit Board) is designed with multiple layers to handle high current and signal shielding. * **UART Ports:** Usually features 3 to 6 Universal Asynchronous Receiver-Transmitter ports for connecting GPS, Receivers (ELRS/Crossfire), and VTX. * **ESC Interface:** Includes a standard 8-pin plug or solder pads to communicate with Electronic Speed Controllers (DSHOT protocol). * **Barometer:** Many models include a BMP280 or DPS310 for altitude hold capabilities. * **Current Sensor Pad:** A high-precision shunt resistor to monitor battery consumption in real-time. --- ### 3. Electronic Protection Systems To ensure longevity, the FCR-F4-R utilizes several protective electronic components: 1. **TVS Diode:** Protects the sensitive logic circuits from voltage spikes (surges) when plugging in the battery. 2. **LDO Regulators:** Low-Dropout regulators ensure a stable 3.3V supply to the MCU and Gyro, preventing "noise" from affecting flight stability. 3. **Filtering Capacitors:** On-board surface-mount capacitors help filter electrical noise generated by the motors. --- ### 4. Software Compatibility The electronics are designed to interface with modern open-source firmware: ```bash # Common Firmware Supported: - Betaflight (Optimized for FPV racing/freestyle) - INAV (Optimized for GPS navigation and long-range) - EmuFlight (Alternative PID controller logic) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum battery voltage (S-rating) the FCR-F4-R can handle?
    • ⤷ How do I wire a digital VTX like DJI O3 to this flight controller?
    • ⤷ Which firmware version is recommended for stable GPS navigation on this board?