データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-GG-R

  • AI
    The **FCR-GG-R** is a high-precision, thick-film chip resistor typically used in surface-mount technology (SMT) applications. It is designed for reliability in various electronic circuits, ranging from consumer electronics to industrial control systems. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics associated with the FCR series (specifically the GG-R variants): | Parameter | Typical Specification | | :--- | :--- | | **Material Type** | Thick Film (Metal Glaze) | | **Resistance Tolerance** | ±2% (G) or ±5% (J) | | **Temperature Coefficient** | ±200 ppm/°C (typically) | | **Configuration** | Single chip resistor | | **Termination Style** | Wrap-around (Tin-plated) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Functional Components The construction of an FCR-GG-R part consists of several layers to ensure stability and electrical connectivity: 1. **Ceramic Substrate:** Usually high-purity Alumina ($Al_2O_3$), providing the structural base and thermal dissipation. 2. **Resistive Element:** A ruthenium-oxide based paste screen-printed onto the substrate. 3. **Protective Coating:** A glass or epoxy overcoat that protects the resistive layer from moisture and mechanical damage. 4. **Internal Electrodes:** Provide the interface between the resistive element and the terminations. 5. **External Terminations:** Typically a nickel barrier layer followed by a tin (Sn) plating to ensure excellent solderability. --- ### 3. Decoding the Part Number The "FCR-GG-R" string is part of a larger nomenclature system. Here is the breakdown of what these specific segments usually signify: * **FCR:** Series identifier (Fixed Chip Resistor). * **GG:** Often denotes the resistance tolerance or a specific power rating/size combination (Note: "G" specifically represents a **±2% tolerance**). * **R:** Indicates that the product is supplied on a **Reel** (Tape & Reel packaging) for automated pick-and-place machines. --- ### 4. Applications Because of their cost-effectiveness and compact size, these parts are found in: * **Voltage Dividers:** Providing precise voltage levels to microcontrollers. * **Current Limiting:** Protecting LEDs or sensitive transistors. * **Pull-up/Pull-down:** Ensuring stable logic levels in digital circuits.
    ✨ Follow-up Questions
    • ⤷ What are the different case sizes available for the FCR series?
    • ⤷ How does thick film technology differ from thin film in terms of precision?
    • ⤷ What is the maximum operating temperature for these resistors?