データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCR-K4-R

  • AI
    ## Technical Overview of the FCR-K4-R The **FCR-K4-R** is an electronic component primarily classified as a **Power Relay** or a specialized switching device, often used in automotive or industrial control systems. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Electronic Specifications The "FCR" series typically denotes a high-current capability designed for Printed Circuit Board (PCB) mounting. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Rated Load** | High current (typically 20A to 30A) | | **Nominal Voltage** | 12V DC (Standard for automotive/industrial) | | **Coil Resistance** | Ranges between 100Ω to 200Ω (Model dependent) | | **Contact Material** | Silver Alloy (AgSnO2) for arc resistance | | **Mounting Type** | Through-hole PCB | --- ### 2. Internal Electronic Construction The device consists of four main functional electronic sections: 1. **The Electromagnetic Coil:** * Copper windings wrapped around an iron core. When energized, it creates a magnetic field. 2. **The Armature:** * The moving part that responds to the magnetic field, physically closing or opening the electrical contacts. 3. **Contacts (The Switching Element):** * The "R" in the suffix often indicates high-temperature resistance or specific contact materials designed to handle **inrush currents** from motors or lamps. 4. **Spring Mechanism:** * Ensures the contacts return to their default state (Normal Position) once power is removed from the coil. --- ### 3. Application Use Cases Due to its robust design, the FCR-K4-R is commonly found in: * **Automotive Modules:** Power windows, seat adjusters, and central locking. * **HVAC Systems:** Controlling fans or small compressors. * **Industrial Automation:** Switching solenoids and small motors. --- ### 4. Circuit Diagram Representation In a schematic, the FCR-K4-R is represented by a coil symbol and a switch symbol: ```mermaid graph LR A[Coil Input +] --- B(Electromagnet) B --- C[Coil Ground -] D[Common Terminal] -.-> E[NO Contact] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the FCR-K4-R?
    • ⤷ How does the 'R' suffix change the component's thermal rating?
    • ⤷ Can this relay be used for AC load switching?