データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCRS-1F-R

  • AI
    The **FCRS-1F-R** is a specialized electronic component, specifically a **rotary DIP switch** manufactured by companies like Nidec Components (formerly Copal Electronics). These parts are commonly used for setting addresses, configurations, or parameters on a printed circuit board (PCB) without needing complex software interfaces. ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the FCRS-1F-R: | Parameter | Specification | | :--- | :--- | | **Product Type** | Rotary Coded Switch | | **Code Type** | Real Code (Binary Coded Decimal / Hexadecimal) | | **Number of Positions** | 16 Positions (Hexadecimal: 0-9, A-F) | | **Terminal Shape** | Gull-wing (Surface Mount Device - SMD) | | **Actuator Style** | Flat (Flush) | | **Voltage Rating** | 5V DC (Switching), 50V DC (Non-switching) | | **Current Rating** | 100mA | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Details #### Binary Coded Decimal (BCD) / Hexadecimal The "1F" in the part number typically denotes the coding scheme. In a 16-position switch, the device outputs a binary representation of the dial's position across four output pins (1, 2, 4, and 8) plus a common pin. * **Position 0:** All pins open. * **Position 1:** Pin 1 closed to common. * **Position 9:** Pins 1 and 8 closed to common. * **Position F (15):** All pins (1, 2, 4, 8) closed to common. #### Mounting and Durability * **SMD Design:** The "R" in the suffix often refers to the packaging (Tape & Reel) or the lead style suited for automated pick-and-place assembly. * **Sealing:** These switches are usually O-ring sealed or wash-tight, meaning they can withstand aqueous cleaning processes after soldering. --- ### 3. Common Applications The FCRS-1F-R is integrated into circuits where manual hardware selection is required: 1. **Industrial Controls:** Setting the unique ID of a sensor or actuator on a Fieldbus or CAN bus network. 2. **Telecommunications:** Configuring frequency bands or mode selections on rack-mounted hardware. 3. **Embedded Systems:** Selecting boot modes or hardware revisions during development and testing. --- ### 4. Circuit Implementation Example To read this part with a microcontroller, use the following logic: ```c // Example: Reading a 16-position Rotary Switch int readRotarySwitch() { int val = 0; if (digitalRead(PIN_1) == LOW) val += 1; if (digitalRead(PIN_2) == LOW) val += 2; if (digitalRead(PIN_4) == LOW) val += 4; if (digitalRead(PIN_8) == LOW) val += 8; return val; // Returns 0-15 } ``` *(Note: Pull-up resistors are typically required as the switch shorts pins to the common/ground pin.)*
    ✨ Follow-up Questions
    • ⤷What is the difference between 'Real Code' and 'Complement Code' in these switches?
    • ⤷ Can the FCRS-1F-R be hand-soldered or is reflow soldering required?
    • ⤷ What are the physical dimensions of the FCRS-1F-R footprint?