データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCRS-AC-R/

  • AI
    The **FCRS-AC-R** is a specific model identifier typically associated with **Fire Control and Release Systems** or specialized **Relay Control Modules** used in fire safety and building automation. Below is a breakdown of the electronic components and functional architecture of this type of device. --- ### 1. Core Electronic Components The device operates as an interface between a fire alarm control panel (FACP) and peripheral hardware (like dampers, fans, or doors). | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Relay Logic** | High-capacity electromagnetic relays | Switches the AC mains power to the connected load. | | **Microcontroller (MCU)** | Low-power embedded processor | Processes input signals and manages timing delays. | | **Isolation Barrier** | Opto-couplers / Galvanic isolation | Protects low-voltage logic circuits from high-voltage AC spikes. | | **Power Supply Unit** | Integrated AC-to-DC converter | Steps down 120/240VAC to 5V or 12V DC for internal logic. | | **Status LEDs** | SMD Light Emitting Diodes | Visual indicators for "Power," "Active," and "Fault" states. | | **Terminal Blocks** | Screw-down connectors | Secure physical interface for field wiring (12-22 AWG). | --- ### 2. Functional Specification The "AC-R" designation usually implies **AC** voltage compatibility with **R**elay output. #### Input/Output Logic * **Trigger Input:** Usually a dry contact or a 24VDC signal from the Fire Alarm Panel. * **Power Input:** Designed to handle standard AC line voltage (115VAC - 230VAC). * **Control Output:** Form "C" contacts (Normally Open/Normally Closed) rated for inductive loads like motors or solenoids. #### Circuit Protection To ensure reliability in emergency scenarios, the electronic board typically includes: * **Varistors (MOV):** For surge protection against lightning or grid instability. * **Thermal Fuses:** To prevent board ignition during a component failure. * **Flyback Diodes:** To suppress voltage spikes when the relay coil de-energizes. --- ### 3. Typical Wiring Pinout (Generic) ```markdown Terminal | Label | Function ---------|-------|----------------------------- 1 | L | AC Line Input (Hot) 2 | N | AC Neutral 3 | IN+ | Positive Trigger (from FACP) 4 | IN- | Negative Trigger/Common 5 | NO | Normally Open Contact 6 | COM | Common Relay Pole 7 | NC | Normally Closed Contact ``` --- ### 4. Application Context In a building system, the electronics of the FCRS-AC-R perform a **"Fail-Safe"** or **"Fail-Secure"** operation. For example, when the fire alarm is triggered, the MCU de-energizes the relay to drop a magnetic fire door (Fail-Safe) or energizes a smoke extract fan.
    ✨ Follow-up Questions
    • ⤷What is the specific contact rating for the FCRS-AC-R relay?
    • ⤷ How do you configure the delay-on-activate settings for this module?
    • ⤷ Is this device compatible with 24VDC notification appliance circuits?