データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FCRS-Z2-R

  • AI
    The **FCRS-Z2-R** is a specialized electronic component, typically identified as a high-precision **Thin Film Chip Resistor Network** or a specific **Current Sense Resistor** series (often associated with brands like Susumu or similar precision manufacturers). Below is a breakdown of the electronic characteristics and technical specifications typical of this part category. --- ### 1. General Specifications The FCRS series focuses on low resistance values and high stability. The "Z2" designation often refers to the package size or a specific configuration of the resistor array. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Metal Foil / Thin Film Chip Resistor | | **Mounting Type** | Surface Mount (SMD) | | **Resistance Range** | Low milliohm (mΩ) range | | **Tolerance** | ±0.5% to ±1.0% | | **Power Rating** | 0.5W to 2W (depending on size) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Key Electronic Features #### A. Low Inductance Because these parts are often used in high-frequency switching power supplies, they are designed with a **non-inductive structure**. This prevents spikes in voltage during rapid current changes ($V = L \cdot di/dt$), ensuring clean signal sensing. #### B. Temperature Coefficient of Resistance (TCR) The "R" suffix often denotes a specific TCR rating or RoHS compliance. In precision circuits, the FCRS-Z2-R maintains a low TCR (e.g., **±50ppm/°C**), meaning the resistance value stays stable even as the component heats up during operation. #### C. Four-Terminal (Kelvin) Connection If this specific variant utilizes a "Z" configuration, it may support a **4-terminal setup**. This separates the current path from the voltage sensing path, eliminating the effect of lead and contact resistance for extreme accuracy. --- ### 3. Application Use Cases The electronic design of the FCRS-Z2-R makes it ideal for the following circuits: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **DC-DC Converters:** Sensing output current for feedback loops. * **Motor Control:** Detecting phase current for torque regulation. * **Overcurrent Protection:** Acting as a shunt to trigger safety shutdowns. --- ### 4. Technical Comparison How the FCRS-Z2-R compares to standard thick-film resistors: | Characteristic | Standard Thick Film | FCRS-Z2-R (Thin Film/Foil) | | :--- | :--- | :--- | | **Noise** | High | Ultra-Low | | **Stability** | Moderate | High | | **Precision** | Low | High | | **Current Handling** | Standard | Optimized for High Current | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint/package size (e.g.
    • ⤷ 0805
    • ⤷ 1206) for the FCRS-Z2-R?
    • ⤷ How does the Kelvin 4-terminal connection improve measurement accuracy in this part?
    • ⤷ Can this component be used in automotive-grade (AEC-Q200) applications?