データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FD-R31G

  • AI
    The **FD-R31G** is an industrial-grade, high-frequency **Photoreceiver Module** (specifically a Photo-Diode module) typically manufactured by companies like **Finisar** or **Sumitomo**. It is designed for high-speed fiber optic communication systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Electronic Components The internal architecture of the FD-R31G consists of several critical sub-components designed to convert light into electricity with minimal noise. | Component | Function | | :--- | :--- | | **InGaAs PIN Photodiode** | The primary sensor that converts incoming optical photons (light) into an electrical current (electrons). | | **Trans-Impedance Amplifier (TIA)** | A low-noise amplifier that converts the small current from the photodiode into a measurable voltage signal. | | **Decoupling Capacitors** | Internal capacitors used to filter power supply noise and ensure signal integrity at high frequencies. | | **Matching Resistors** | Used for impedance matching (typically 50 Ohms) to prevent signal reflection in high-speed circuits. | --- ### 2. Technical Specifications The "31G" in the part number usually refers to its frequency response or data rate capabilities (often optimized for 31.5 GHz or 32 Gbps applications). | Parameter | Typical Value | | :--- | :--- | | **Operating Wavelength** | 1260 nm to 1620 nm (O, E, S, C, L Bands) | | **Data Rate** | Up to 32 Gbps | | **Responsivity** | ~0.5 to 0.8 A/W (Amps per Watt) | | **Bandwidth (3dB)** | ~31 GHz | | **Supply Voltage** | Typically +3.3V or -5.2V (depending on the specific TIA used) | | **Optical Input Interface** | LC/PC or SC/PC Fiber pigtail | --- ### 3. Pinout and Connection Interface The FD-R31G usually utilizes a multi-pin "butterfly" or "TO-can" style package with high-speed RF outputs. 1. **Vcc/Vee:** Power supply pins for the internal TIA. 2. **Vpd:** Bias voltage for the Photodiode (helps increase speed and reduce capacitance). 3. **Signal Output:** Differential (D+ and D-) or Single-ended RF output via SMP or K-connectors. 4. **Monitor Pin:** Provides a slow-speed current output to monitor the received optical power levels. --- ### 4. Application Areas * **40G/100G Ethernet:** Used in the receiving end of high-speed transceivers. * **Optical Time Domain Reflectometry (OTDR):** High-sensitivity light detection. * **Radio over Fiber (RoF):** Converting microwave signals carried over fiber back into electrical RF. * **Test & Measurement:** Used in oscilloscopes and optical spectrum analyzers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PIN photodiode and an APD in this module type?
    • ⤷ How do I calculate the output voltage based on the input optical power?
    • ⤷ What are the thermal management requirements for the FD-R31G?