データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FD-R80

  • AI
    The **FD-R8050** (often referred to simply as the R80) is the electronic front derailleur within the Shimano Ultegra Di2 R8050 series. It is a high-performance component that translates digital signals from the shifters into precise mechanical movement. --- ### 1. Core Electronic Specifications The FD-R8050 acts as a "slave" device within the **E-Tube** ecosystem, receiving commands via a wired connection from the system's central battery and junction units. | Feature | Specification | | :--- | :--- | | **Series** | Ultegra Di2 R8050 | | **Connectivity** | E-Tube (Wired) | | **Ports** | 1 SD50 E-Tube Port | | **Voltage** | 7.4V (Standard Di2 Battery) | | **Motor Type** | High-torque Micro-stepper Motor | | **Firmware** | Updatable via E-Tube Project software | --- ### 2. Key Electronic Functions #### A. Auto-Trim Technology The most significant electronic feature is **Auto-Trim**. Unlike mechanical derailleurs where you must manually click the lever to prevent chain rub, the FD-R8050 tracks the position of the rear derailleur. * **How it works:** As you shift the rear derailleur across the cassette, the front derailleur automatically makes tiny micro-adjustments to its cage position to ensure the chain never rubs against the side plates. #### B. Synchro-Shift Integration The electronics support two automated shifting modes configurable via the E-Tube app: 1. **Full Synchro-Shift:** The system automatically shifts the front derailleur when the rear reaches a specific gear to maintain an optimal gear ratio. 2. **Semi Synchro-Shift:** When you manually shift the front derailleur, the rear derailleur automatically shifts 1–3 gears to compensate for the sudden jump in cadence. #### C. Electronic Protection (Crash Mode) While more common in the rear derailleur, the FD-R8050 includes logic to protect its internal motor. If the derailleur detects a high-impact force or a significant obstruction, it can disengage the motor from the linkage to prevent internal gear stripping. --- ### 3. Setup and Adjustment (Digital) Unlike mechanical versions with cable tension bolts, the FD-R8050 is tuned electronically: 1. **Electronic Indexing:** Fine-tuning the cage position is done by putting the system into "Adjustment Mode" via the Junction A box or E-Tube app. You then use the shifter buttons to move the cage in increments of tenths of a millimeter. 2. **Limit Settings:** While it has physical limit screws for safety, the primary "stops" are set by the electronic motor's travel limits. --- ### 4. Components Diagram (Internal/Logic) ```mermaid graph LR A[Battery BT-DN110] --> B[Junction A/B] B --> C[FD-R8050 Logic Board] C --> D[Stepper Motor] D --> E[Linkage Arm] E --> F[Derailleur Cage] ``` --- ### 5. Maintenance Notes * **Battery Consumption:** The front derailleur requires more torque (and thus more power) than the rear derailleur. Frequent front shifting will deplete the Di2 battery faster. * **Firmware Updates:** Using the **Shimano E-Tube Project** (PC or Mobile via Bluetooth), you can adjust shift speed and update the firmware to improve communication stability.
    ✨ Follow-up Questions
    • ⤷ How do I put the FD-R8050 into adjustment mode to fix chain rub?
    • ⤷ Is the FD-R8050 compatible with the newer 12-speed Di2 components?
    • ⤷ What are the physical limit screw settings for this electronic derailleur?