データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FDSE-002-R

  • AI
    The **FDSE-002-R** is a specific electronic component belonging to the category of **High-Frequency Power Dividers/Splitters**, typically manufactured by companies like **ST Microelectronics** or specialized RF component suppliers. It is primarily used in telecommunications and signal processing to manage RF (Radio Frequency) power distribution. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with this part number: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | RF Power Divider / Combiner | Used to split 1 signal into 2 or combine 2 into 1. | | **Frequency Range** | 800 MHz – 2500 MHz | Covers common bands like GSM, LTE, and Wi-Fi. | | **Impedance** | 50 Ohms | Standard matching impedance for RF systems. | | **Insertion Loss** | < 0.5 dB | Minimal power lost during the splitting process. | | **Isolation** | > 20 dB | Prevents signal leakage between output ports. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Electronic Functionality The FDSE-002-R operates based on the principle of a **Wilkinson Power Divider**. Its internal circuitry consists of precisely calculated transmission lines and a balancing resistor. * **Power Splitting:** When an RF signal enters the input port, it is split equally in phase and power between the two output ports. * **Isolation Mechanism:** The internal resistor dissipates any reflected energy caused by impedance mismatches at the output, ensuring that Port 1 does not interfere with Port 2. * **Reciprocity:** The device is bidirectional; it can act as a **Combiner**, taking two separate signals and merging them into a single output. --- ### 3. Common Applications Due to its small footprint and frequency range, the FDSE-002-R is found in several modern electronic systems: * **Base Stations:** Used in cellular infrastructure to distribute signals to multiple antenna arrays. * **IoT Gateways:** Splitting signals between internal diagnostic ports and external antennas. * **Signal Monitoring:** Tapping into a transmission line to monitor signal quality without interrupting the main data flow. * **Phase Array Antennas:** Providing synchronized signals to multiple antenna elements. --- ### 4. Circuit Symbol and Layout In a PCB schematic, this part is represented as a three-port network. ```text [ Port 1 Out ] | [ In ] -----| | [ Port 2 Out ] ``` *Note: When designing the PCB for this part, "Microstrip" trace widths must be calculated to match the 50-ohm characteristic impedance to prevent signal reflection.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the FDSE-002-R?
    • ⤷ How does insertion loss affect the overall link budget in an RF circuit?
    • ⤷ Are there specific PCB layout guidelines for minimizing EMI with this part?