データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FFB1248SHE-R00

  • AI
    ### Technical Analysis: Delta FFB1248SHE-R00 The **FFB1248SHE-R00** is a high-performance industrial cooling fan manufactured by Delta Electronics. It is part of the FFB series, known for high static pressure and reliability in demanding environments. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 48 VDC | | **Operating Voltage Range** | 28.0 to 53.0 VDC | | **Input Current** | 0.38 A (Max 0.57 A) | | **Input Power** | 18.24 W | | **Speed** | 3600 RPM | | **Air Flow** | 170.17 CFM (4.819 $m^3/min$) | | **Static Pressure** | 14.31 $mmH_2O$ | | **Noise Level** | 56.5 dB-A | | **Bearing Type** | Dual Ball Bearing | --- ### 2. Electronic Component Breakdown The **"R00"** suffix in the model number refers to a specific electronic signal output integrated into the fan's circuitry. #### A. The R00 Signal (Locked Rotor Alarm) Unlike standard fans that provide a Tachometer (speed) output, the **R00** indicates a **Locked Rotor Sensor**: * **Function:** It monitors whether the fan blades are spinning. * **Logic:** Under normal operation, the output signal remains at a **Low** voltage level. If the fan blades are obstructed and stop spinning, the internal sensor triggers the signal to a **High** state. * **Circuit Type:** Usually an Open Collector output, requiring an external pull-up resistor to interface with a microcontroller or monitoring system. #### B. Motor & Drive Circuitry * **Brushless DC (BLDC) Motor:** The fan utilizes a 3-phase or split-phase brushless motor, which eliminates brush wear and reduces electromagnetic interference (EMI). * **Polarity Protection:** The internal PCB includes a diode or MOSFET-based protection circuit to prevent damage if the positive and negative leads are reversed. * **Auto-Restart Feature:** If the rotor is stalled, the electronic controller will periodically attempt to restart the motor to prevent the coils from overheating. #### C. Bearing System * **Dual Ball Bearings:** The electronic stability is matched by mechanical durability. Dual ball bearings allow for a longer lifespan (L10 expectancy of ~70,000 hours at 40°C) and allow the fan to be mounted in any orientation (horizontal, vertical, or angled). --- ### 3. Wiring Configuration The fan typically features three wires. Note that color codes can vary, but standard Delta wiring for R00 models is: 1. **Red (+):** Positive DC Power (48V). 2. **Black (-):** Ground/Negative. 3. **Blue (R00):** Sensor Output (Locked Rotor Alarm). --- ### 4. Application Context Due to the **48V** rating and the **R00** alarm signal, this fan is predominantly used in: * Telecommunications enclosures. * Network server racks. * Industrial power supplies. * High-heat dissipation units where a "fan failure" alert is mission-critical.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pull-up voltage recommended for the R00 signal wire?
    • ⤷ How does the FFB series compare to the AFB series in terms of static pressure?
    • ⤷ Can this fan be speed-controlled using Pulse Width Modulation (PWM)?