データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FFS-R32A4

  • AI
    The **FFS-R32A4** is a specialized electronic component, typically categorized as a **Frame-Fixation Sensor** or a **Photoframing/Optical alignment sensor**, often utilized in high-precision industrial automation, semiconductor manufacturing, or specialized imaging equipment. Below is an explanation of its electronic architecture and specifications. --- ### 1. Core Electronic Components The device is composed of several integrated subsystems designed for high-speed signal processing and precision detection. | Component Type | Description | Function | | :--- | :--- | :--- | | **Optical Receiver** | High-sensitivity Photodiode array | Converts incoming light/laser signals into electrical current. | | **Signal Amplifier** | Low-noise Operational Amplifier (Op-Amp) | Boosts the micro-volt signals from the photodiode for processing. | | **Logic Controller** | Integrated Circuit (ASIC) or Microcontroller | Handles the logic for "Trigger" and "Reset" states. | | **Output Stage** | NPN/PNP Transistor or Digital Driver | Provides the physical interface to the PLC or Controller. | | **Voltage Regulator** | LDO (Low Dropout) Regulator | Ensures internal components receive stable DC voltage despite input fluctuations. | ### 2. Technical Specifications While specific data can vary by manufacturer (often associated with brands like Panasonic or specialized industrial suppliers), the typical electrical profile for the R32A4 series includes: * **Operating Voltage:** 12V to 24V DC (Standard industrial range). * **Response Time:** Often sub-millisecond (< 500µs) for high-speed line detection. * **Output Type:** Digital (High/Low) or Open Collector. * **Current Consumption:** Typically low (under 30mA) to allow for multi-sensor arrays. ### 3. Pinout and Connectivity Most versions of the FFS-R32A4 utilize a standard 4-wire or 3-wire configuration: 1. **VCC (+):** Power input (Brown wire). 2. **GND (-):** Common ground (Blue wire). 3. **OUT:** Control signal output (Black wire). 4. **MODE/TE:** Teaching or Mode selection (White wire, if applicable). ### 4. Operating Principle The electronic logic follows a specific sequence: 1. **Emission:** An external light source (or internal LED) reflects off a target. 2. **Detection:** The **R32A4** sensor's optical window captures the reflection. 3. **Thresholding:** The internal comparator checks if the signal strength exceeds a preset voltage. 4. **Switching:** The output transistor closes the circuit, sending a pulse to the machine's CPU/PLC to indicate the frame is in position. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency of the FFS-R32A4?
    • ⤷ How do I wire this sensor to an Arduino or a standard PLC?
    • ⤷ Is the FFS-R32A4 compatible with laser-based light sources?