データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FFS-R57K4

  • AI
    The **FFS-R57K4** is a high-performance, non-contact safety switch (specifically a **Reed-type safety sensor**) manufactured by **Honeywell**. It is designed for industrial machine guarding and interlocking applications. --- ### ## Technical Specifications Overview The following table highlights the core electrical and mechanical characteristics of the FFS-R57K4. | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Switching Voltage (Max)** | 230 Vac / 24 Vdc | | **Switching Current (Max)** | 2.0 A | | **Housing Material** | ABS Plastic (Red) | | **Ingress Protection** | IP67 (Dust-tight, Water immersion) | | **Connection Type** | 4-meter Pre-wired Cable | | **Operating Distance** | 7mm to 12mm (Typical) | --- ### ## Key Electronic Components & Working Principle The FFS-R57K4 functions as a magnetically actuated proximity sensor. Unlike standard mechanical switches, it has no moving levers or plungers that physically touch the gate. #### 1. Magnetic Actuation The system consists of two parts: the **Sensor** (mounted on the frame) and the **Actuator** (mounted on the door). The internal reed switches are triggered by the specific magnetic field of the matching actuator, preventing bypass by common household magnets. #### 2. Contact Logic (2NC/1NO) * **Dual NC Contacts:** These are used for the primary safety circuit. When the door is closed, these contacts are closed, allowing the machine to run. If the door opens, the circuit breaks. * **Single NO Contact:** This is typically used for auxiliary signaling (e.g., sending a status signal to a PLC or turning on an indicator light). #### 3. Safety Monitoring To achieve a high safety integrity level (SIL) or Performance Level (PL), the FFS-R57K4 is designed to be connected to a **Safety Monitoring Relay**. The dual-channel (2NC) design allows the relay to detect faults such as: * Short circuits in the wiring. * Contact welding. * Single-channel failure. --- ### ## Wiring Configuration The device uses a color-coded cable system. While specific revisions may vary slightly, the standard internal electronic mapping is as follows: ```yaml Internal Wiring Logic: - Channel 1 (Safety): Loop through NC contacts - Channel 2 (Safety): Loop through NC contacts - Auxiliary: NO contact for status monitoring ``` --- ### ## Installation Best Practices * **Alignment:** Ensure the arrows on the sensor and actuator are aligned; misaligning the magnetic poles will prevent the switch from closing. * **Separation:** Maintain at least 50mm between adjacent FFS units to prevent magnetic interference. * **Surge Protection:** If switching inductive loads (like small solenoids), use external suppression to protect the internal reed contacts from arcing.
    ✨ Follow-up Questions
    • ⤷ What are the recommended safety relays to use with the FFS-R57K4?
    • ⤷How does the sensing distance change when mounted on metal vs. plastic surfaces?
    • ⤷Can this sensor be used in explosive atmospheres (ATEX zones)?