データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FIDO5210BBCZ-R7

  • AI
    ## Overview of FIDO5210BBCZ-R7 The **FIDO5210BBCZ-R7** is a highly integrated **Programmable Real-Time Ethernet Multiprotocol (REM) Switch** chip manufactured by Analog Devices (ADI). It is specifically designed for industrial communication applications that require high reliability and low latency. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Part Number** | FIDO5210BBCZ-R7 | | **Interface Types** | MII, RMII | | **Supported Protocols** | PROFINET, EtherCAT, EtherNet/IP, Modbus TCP, SERCOS III | | **Number of Ports** | 2-Port Ethernet Switch | | **Package** | CSPBGA-191 (10mm x 10mm) | | **Voltage Supply** | 1.1V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The FIDO5210 is more than a standard switch; it is a communication controller that offloads networking tasks from the main processor. #### A. Programmable Architecture The chip uses a unique architecture that allows it to be programmed to support different Industrial Ethernet protocols without changing the hardware. This is achieved through a **PriorityChannel™** technology which ensures that real-time critical data is processed with zero-latency impact from non-critical traffic. #### B. The REM Switch The Real-time Ethernet Multiprotocol (REM) switch handles: - **Frame Forwarding:** Low-latency switching between ports. - **Protocol Management:** Specific hardware acceleration for protocols like EtherCAT (processing on the fly). - **Time Synchronization:** Integrated IEEE 1588v2 Precision Time Protocol (PTP) support. #### C. Host Interface It connects to a host processor (MCU/MPU) via a high-speed parallel interface or a serial interface, allowing the host to manage the higher layers of the protocol stack while the FIDO5210 handles the physical and data link layers. --- ### 3. Application Use Cases This part is typically found in high-performance industrial equipment: 1. **Industrial Robotics:** For precise synchronization between motor controllers. 2. **Motor Control:** Low-jitter communication for servo drives. 3. **Programmable Logic Controllers (PLCs):** To provide multi-protocol connectivity to factory networks. 4. **I/O Modules:** Distributed I/O units that need to support multiple Ethernet standards. --- ### 4. Hardware Integration Example When designing a PCB with the FIDO5210, the typical signal flow looks like this: ```mermaid graph LR A[RJ45 Connector] --- B[Ethernet PHY] B --- C[FIDO5210 REM Switch] C --- D[Host Processor / MCU] ``` *Note: The FIDO5210 requires external Ethernet PHYs to interface with the physical copper or fiber lines.*
    ✨ Follow-up Questions
    • ⤷ What are the main differences between FIDO5110 and FIDO5210?
    • ⤷ Which external PHYs are recommended for use with this chip?
    • ⤷ How is the protocol firmware loaded into the FIDO5210?