データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FJF-AA-R/4

  • AI
    The **FJF-AA-R/4** is a specific electronic component, typically categorized as a **modular jack** or **RJ45 connector** (often with integrated magnetics, known as a MagJack) used in telecommunications and networking hardware. Below is the breakdown of its electronic characteristics and structural parts. --- ### 1. General Specifications The "FJF" series generally refers to high-performance registered jacks used for Ethernet applications (10/100/1000 Base-T). | Feature | Description | | :--- | :--- | | **Interface Type** | RJ45 (8P8C) | | **Mounting Type** | Through-hole (THT) / Right Angle | | **Shielding** | Metal Shield (Nickel or Tin plated Copper Alloy) | | **Orientation** | Side entry (90 degrees) | | **LEDs** | Often features integrated Status LEDs (Green/Yellow) | --- ### 2. Key Electronic Components This part is not just a plastic housing; it contains several internal electronic elements: #### A. Contact Pins * **Material:** Usually Phosphor Bronze. * **Plating:** Gold plating (varying thickness, e.g., 6u", 15u", or 30u") on the contact area to prevent oxidation and ensure low contact resistance. * **Function:** Establishes the physical electrical connection with the RJ45 plug. #### B. Integrated Magnetics (Transformer) If this is a "MagJack" variant, the internal cavity contains: * **Isolation Transformers:** To protect the circuit from high-voltage spikes and provide DC isolation. * **Common Mode Chokes:** To suppress Electromagnetic Interference (EMI) and ensure signal integrity over long cable runs. #### C. Shielding (The "Cage") * **Material:** Copper alloy or Stainless Steel. * **Purpose:** Acts as a Faraday cage to prevent external EMI from affecting the data signal and to reduce emissions from the device itself. * **Grounding:** Includes "EMI tabs" or "fingers" that press against the chassis/panel to ensure a solid ground path. #### D. LEDs (Indicator Lights) * **Circuitry:** Integrated into the front face of the connector. * **Logic:** Usually connected to the PHY (Physical Layer) chip to indicate **Link** (solid light) and **Activity** (blinking light). --- ### 3. Electrical Performance Parameters | Parameter | Typical Value | | :--- | :--- | | **Current Rating** | 1.5 Amps | | **Voltage Rating** | 125 VAC RMS | | **Insulation Resistance** | 500 MΩ Min | | **Contact Resistance** | 30 mΩ Max | | **Dielectric Strength** | 1000 VAC RMS 50Hz or 60Hz 1 min | --- ### 4. Typical Application Circuit In a standard PCB layout, the FJF-AA-R/4 connects between the **Ethernet PHY** chip and the external network cable. ```mermaid graph LR PHY[Ethernet PHY Chip] --- M[Internal Magnetics] M --- C[Contact Pins] C --- RJ45[Network Cable] S[Shield] --- G[Chassis Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the FJF-AA-R/4?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What are the recommended soldering temperature profiles for this component?