データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-01-R/K

  • AI
    The **FLCS-01-R/K** is a specialized electronic component, typically categorized as a **Limit Switch** or **Position Sensor**, often utilized in industrial automation, security systems, or specialized machinery (such as banknote handling or dispensing modules). Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications The "R/K" suffix often denotes specific wiring configurations or contact types (e.g., Normally Open vs. Normally Closed or specific connector types). | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical / Magnetic Limit Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Actuation Method** | Physical lever or magnetic reed (Model dependent) | | **Housing Material** | High-durability Thermoplastic / Industrial Resin | | **Termination** | Wire leads or PCB pins | --- ### 2. Electronic Operating Principles The FLCS series functions as a bridge between mechanical movement and electronic control logic. * **Switching Mechanism:** It operates as a dry contact. When the actuator is triggered, it completes or interrupts an electrical circuit. * **Voltage/Current Rating:** These parts are generally designed for low-power signal switching (Logic Level). * *Typical Voltage:* 5V - 24V DC. * *Typical Current:* < 100mA. * **Contact Resistance:** Engineered for very low initial contact resistance (usually < 50mΩ) to ensure signal integrity for microcontrollers or PLCs. --- ### 3. Application Areas Because of its compact form factor and reliability, the FLCS-01-R/K is found in the following electronic environments: 1. **ATM / Cash Handling:** Detecting the presence of cassettes or the passage of bills. 2. **Office Automation:** Used in high-end printers or copiers to detect paper tray positions or door interlocks. 3. **Industrial Robotics:** Serves as an "End-of-Travel" sensor to prevent mechanical overextension. --- ### 4. Wiring Diagram (Conceptual) Most R/K variants follow a standard two-wire or three-wire logic: ```mermaid graph LR A[Power Source VCC] --> B{FLCS-01 Switch} B --> C[Input Pin / MCU] C --> D[Ground/Common] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum switching voltage for the FLCS-01-R/K?
    • ⤷ Does this model use a reed switch or a micro-leaf contact?
    • ⤷ Are there specific mounting brackets required for this sensor?