データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-10-R

  • AI
    ## FLCS-10-R Electronic Component Overview The **FLCS-10-R** is a specialized electronic component, typically categorized as a **surface-mount (SMD) flexible flat cable (FFC) or flexible printed circuit (FPC) connector**. These components are critical for establishing reliable electrical connections between a main PCB and peripheral devices like displays, sensors, or touch panels. --- ### 1. Key Technical Specifications The following table highlights the general electrical and mechanical characteristics of the FLCS series: | Specification | Description | | :--- | :--- | | **Connector Type** | FFC / FPC Connector | | **Pitch** | 0.5 mm or 1.0 mm (Series dependent) | | **Orientation** | Right-Angle (R suffix) | | **Contact Style** | Bottom Contact / Top Contact | | **Mounting Type** | Surface Mount (SMD) | | **Termination Method** | ZIF (Zero Insertion Force) or Non-ZIF | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The FLCS-10-R consists of several internal parts that ensure signal integrity: 1. **Housing:** Made of high-temperature thermoplastic (LCP - Liquid Crystal Polymer), designed to withstand reflow soldering temperatures. 2. **Actuator (Slider):** A mechanical lever that locks the flexible cable into place, ensuring a secure "Zero Insertion Force" connection. 3. **Contacts:** Copper alloy plates plated with **Gold (Au)** or **Tin (Sn)**. Gold is preferred for low-voltage signals to prevent oxidation. 4. **Solder Tabs:** Metallic reinforcements on the sides of the connector that provide mechanical stability to the PCB, preventing the connector from being ripped off during cable insertion. --- ### 3. Application Examples The "10" in the part number often refers to the **number of positions (pins)**. Typical applications include: * **Consumer Electronics:** Connecting LCD screens to motherboards in handheld devices. * **Industrial:** Internal wiring for compact sensors and control modules. * **Medical Devices:** Interfacing between micro-controllers and flexible biometric sensors. ### 4. Schematic Representation In a CAD environment (like Altium or KiCad), the footprint for this part is represented as: ```markdown Pin 1 [VCC] ------ |---| Pin 2 [DATA] ------ | C | Pin 3 [DATA] ------ | O | [FFC Cable Entry] ... | N | Pin 10 [GND] ------ |---| ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin pitch for the FLCS-10-R variant?
    • ⤷ Is the FLCS-10-R compatible with automated pick-and-place assembly?
    • ⤷ What are the differences between ZIF and Non-ZIF FPC connectors?