データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-12B-R

  • AI
    The **FLCS-12B-R** is a high-performance electronic connector, typically part of the **FPC (Flexible Printed Circuit) / FFC (Flexible Flat Cable)** connector family. These components are essential for connecting internal circuit boards to peripherals like LCD screens, keyboards, or touchpads in compact electronic devices. --- ### 1. Technical Specifications The "FLCS" series generally follows a standardized specification set for high-density interconnects. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | FPC / FFC Connector | | **Pitch** | 0.5mm or 1.0mm (Series dependent) | | **Number of Pins** | 12 Positions | | **Orientation** | Right Angle / Horizontal | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Contact Type** | Bottom Contact (usually) | | **Actuator Type** | ZIF (Zero Insertion Force) or LIF | --- ### 2. Key Electronic Components & Materials The reliability of the FLCS-12B-R is defined by its material composition: * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to survive **Reflow Soldering** temperatures (up to 260°C). * **Contacts:** Phosphor Bronze or Copper Alloy. These provide the spring tension required to maintain a connection. * **Plating:** Gold or Tin plating over Nickel. Gold plating is often preferred for the "-R" (high reliability) versions to prevent oxidation. * **Actuator (Flip-Lock):** A reinforced lever that secures the cable in place, ensuring high retention force. --- ### 3. Functional Breakdown The part functions through three main electronic mechanisms: 1. **Zero Insertion Force (ZIF):** Unlike standard sockets, the cable is inserted without friction. The "Lock" (actuator) is then pressed down to create a mechanical and electrical bond. 2. **Contact Resistance:** Engineered to be extremely low (typically $<30m\Omega$) to prevent signal degradation or heat buildup. 3. **EMI Shielding:** Some variants include "Ear" tabs or metal solder pegs that ground the connector to the PCB, reducing electromagnetic interference. --- ### 4. Application Use Cases Because of its small footprint and 12-pin configuration, it is commonly found in: * **Mobile Devices:** Connecting camera modules to the main logic board. * **Laptops:** Touchpad-to-motherboard interfaces. * **Industrial Handhelds:** Connecting small OLED or LCD displays. * **Automotive:** Infotainment button panels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the FLCS-12B-R?
    • ⤷ How does the 'R' suffix in the part number affect the soldering process?
    • ⤷ What are the common failure modes for FPC ZIF connectors?