データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-12B-R/

  • AI
    The **FLCS-12B-R** is a high-performance electronic component primarily used in industrial automation and sensing applications. It belongs to a category of compact, ruggedized sensors designed for precision feedback. ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics found in the FLCS-12B-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Inductive Proximity / Limit Sensor | | **Model Code** | FLCS-12B-R | | **Voltage Range** | Typically 10-30V DC | | **Sensing Distance** | 2mm to 4mm (Standard) | | **Output Type** | NPN or PNP (depending on wiring configuration) | | **Connection** | Cable-out or Connectorized (R indicates Robot/Flexible cable) | | **Protection Rating** | IP67 (Water and Dust resistant) | --- ### 2. Functional Electronic Components The internal architecture of the FLCS-12B-R consists of several critical stages: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that radiates from the sensing face. 2. **Detection Circuit (Schmitt Trigger):** Monitors changes in the amplitude of the oscillation. When a metallic object enters the field, eddy currents are induced, dampening the oscillation. 3. **Output Amplifier:** Converts the low-level signal from the detection circuit into a robust switching signal (On/Off) capable of driving a PLC input or a relay. 4. **Reverse Polarity Protection:** Integrated diodes prevent the sensor from being destroyed if the positive and negative power leads are accidentally swapped. --- ### 3. Usage and Application The **"R"** suffix in this model often denotes a **"Robot Cable"** or high-flexibility lead. This makes the electronic assembly suitable for: * **Articulated Robotic Arms:** Where constant twisting and bending would break standard copper wiring. * **High-Speed Packaging:** Rapid actuation cycles requiring fast response times (typically in the kHz range). * **Position Sensing:** Detecting the home position of a metal slide or a rotating cam. --- ### 4. Wiring Diagram Representation The sensor typically follows standard industrial color coding: ```yaml Brown: +V (Positive Power Supply) Blue: 0V (Common/Negative) Black: Output Signal (Load) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FLCS-12B-R?
    • ⤷ How does the 'R' suffix specifically affect the cable's bend radius?
    • ⤷ Is this sensor compatible with both NPN and PNP logic controllers?