データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-13-R/Q

  • AI
    The **FLCS-13-R/Q** is a high-performance **Liquid Cooling System (LCS)** primarily used in enterprise computing, data centers, and industrial server environments. It is designed to manage the thermal loads of high-density electronic components by circulating coolant through cold plates. --- ## 1. Core Electronic & Electromechanical Components The "electronic" side of the FLCS-13-R/Q refers to the sensors, control logic, and power distribution units that ensure the cooling system operates autonomously and safely. ### Key Components Table | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Pump Motor (DC/BLDC)** | Circulates the liquid coolant. | Usually Brushless DC for longevity and variable speed control. | | **Control Logic (PCB)** | The "Brain" of the unit. | Processes sensor data to adjust pump speed (PWM) and fan speeds. | | **Temperature Sensors** | Monitors Inlet/Outlet fluid. | Uses Thermistors or RTDs to provide real-time thermal telemetry. | | **Leak Detection Sensor** | Safety shutdown mechanism. | Conductive strips or optical sensors located at the base to detect moisture. | | **Pressure Transducer** | Monitors loop integrity. | Detects drops in pressure which might indicate a leak or pump failure. | | **Communication Port** | System Integration. | Typically uses I2C, Modbus, or USB for reporting status to the host server. | --- ## 2. Electrical Specifications The unit is designed to integrate directly into server power backplanes or standard industrial power supplies. * **Input Voltage:** Usually 12V DC or 24V DC (depending on the specific sub-model configuration). * **Power Consumption:** Variable; the pump scales power based on the thermal load detected at the CPU/GPU. * **Signaling:** Uses Pulse Width Modulation (PWM) for speed control and Tachometer signals for RPM monitoring. --- ## 3. The "R/Q" Suffix Significance In electronic cooling terminology, these suffixes often denote specific hardware revisions or connector types: 1. **R (Redundant/Remote):** Often indicates support for redundant power inputs or remote monitoring capabilities via a dedicated management controller. 2. **Q (Quick-Connect/Quiet):** Usually refers to the electronic integration of "Quick-Connect" valving with integrated electronic shut-off sensors to prevent spills during maintenance. --- ## 4. Safety and Monitoring Logic The electronic circuitry includes several "Fail-Safe" protocols: * **Dry-Run Protection:** If sensors detect no fluid, the electronics will kill power to the pump to prevent motor burnout. * **Tachometer Alarm:** If the pump RPM falls below a threshold while voltage is applied, an interrupt signal is sent to the BIOS/BMC to throttle the processor.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the FLCS-13 communication header?
    • ⤷ How does the leak detection circuit trigger a system-level shutdown?
    • ⤷ Can the pump speed be manually overridden via software (IPMI/BMC)?