データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-153-R/K

  • AI
    The **FLCS-153-R/K** is a specialized high-density electrical connector component, typically part of a series used in telecommunications, data centers, and industrial networking. While "FLCS" often refers to **Fiber LC Simplex** or specific board-to-board connector standards depending on the manufacturer (such as Hirose or various fiber optic suppliers), this specific part number is most commonly associated with **Fiber Optic LC Adapter** configurations or high-speed interface modules. --- ### 1. Technical Specifications Below are the general electronic and physical characteristics associated with this part series: | Feature | Description | | :--- | :--- | | **Connector Type** | LC (Lucent Connector) | | **Housing Style** | Simplex (Single) or Duplex (Dual) depending on suffix | | **Mounting Type** | Panel Mount / Flangeless or Snap-in | | **Sleeve Material** | Ceramic (Zirconia) or Phosphor Bronze | | **Operating Temp** | -40°C to +85°C | | **Insertion Loss** | < 0.2dB (Typical for Ceramic) | --- ### 2. Key Electronic & Mechanical Components #### A. Alignment Sleeve The "heart" of the adapter. * **Ceramic (Zirconia):** Used for Single-mode applications. It provides high precision and durability for thousands of mating cycles. * **Phosphor Bronze:** Often used for Multi-mode applications where tolerances are slightly wider. #### B. Housing (The "R/K" Suffix) The suffix in these part numbers usually denotes the color coding and mounting style: * **R/K Coding:** Often indicates specific mounting clips or a specific color (e.g., Aqua for OM3/OM4, Blue for Single-mode, or Green for APC). * **Material:** High-strength Engineering Plastic (UL94V-0 rated for flame retardancy). #### C. Shutter Mechanism (Optional) Some models in the 153 series include an internal or external shutter. This is a critical safety feature that blocks laser light when the cable is unplugged to prevent eye injury. --- ### 3. Common Applications These parts are integrated into larger electronic systems such as: 1. **SFP/QSFP Transceiver Interfaces:** Connecting the internal laser diode to the external fiber plant. 2. **Patch Panels:** High-density distribution frames in server rooms. 3. **Industrial Switches:** Ruggedized networking equipment requiring secure LC connections. --- ### 4. Installation Diagram (Conceptual) ```text [ Fiber Ferrule ] --> [ Ceramic Sleeve ] <-- [ Fiber Ferrule ] (Male) (Inside FLCS-153) (Male) ```
    ✨ Follow-up Questions
    • ⤷ Does the FLCS-153-R/K support single-mode or multi-mode fiber?
    • ⤷ What is the specific difference between the 'R' and 'K' variants in this series?
    • ⤷ Are there specific mounting dimensions required for the panel cutout?