データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-1B-R

  • AI
    Based on the component designation, the **FLCS-1B-R** is a specific part typically associated with **SMD (Surface Mount Device) high-speed fuse series** or specialized **inductive components**, often manufactured by companies like Littelfuse or specialized Japanese electronics firms. Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications The FLCS-1B-R is designed for high-density circuit board applications. It is frequently utilized in mobile devices, telecommunications, and power management modules. | Feature | Description | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | Standard EIA Footprint (often 0603 or 0402 equivalent) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Material** | Ceramic/Glass-film substrate | ### 2. Key Electronic Components & Functions Depending on the specific sub-series, the parts of this component serve the following functions: * **Internal Element:** A thin-film or wire-in-air element designed to melt at a specific thermal threshold (if acting as a fuse) or a precision winding (if acting as a filter). * **Termination (The "R"):** The "R" usually indicates **Tape & Reel** packaging or **RoHS** lead-free termination using tin (Sn) over a nickel (Ni) barrier layer. * **Substrate:** A high-frequency compatible ceramic base that ensures minimal signal loss and high thermal stability. ### 3. Electrical Characteristics These parts are defined by their behavior under electrical load: | Parameter | Typical Value Range | | :--- | :--- | | **Current Rating** | Ranges from 0.5A to 5.0A (depending on the "1B" code) | | **Voltage Rating** | Typically 32V to 63V DC | | **Operating Temp** | -55°C to +125°C | | **Interrupting Rating** | Capacity to break 35A - 50A at rated voltage | --- ### 4. Part Number Breakdown (Typical) The nomenclature generally follows this logic: 1. **FLC:** Series prefix (Fast-Acting / Low Capacity / Chip). 2. **S:** Standard or Small footprint. 3. **1B:** Current/Voltage code (Specific to the manufacturer's log; e.g., 1.25A or 1.5A). 4. **R:** Packaging suffix (Reel) or Environmental (RoHS). --- ### 5. Common Applications * **Battery Protection:** Protecting Li-ion battery packs from overcurrent. * **LCD Monitors:** Guarding inverter circuits. * **Portable Electronics:** Used in smartphones and tablets due to the ultra-low profile.
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the 1B variant of this component?
    • ⤷ Are there specific soldering temperature profiles recommended for the FLCS series?
    • ⤷ Can this part be used in AC power applications or is it DC only?