データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-30-R

  • AI
    The **FLCS-30-R** is a specific type of high-performance limit switch or positioning sensor, commonly used in industrial automation for precision end-of-travel detection or position sensing. Below is an overview of its electronic specifications and characteristics. ### 1. Technical Specifications The FLCS-30-R typically belongs to a family of magnetic or proximity-based limit switches. The "30" often refers to the sensing distance or housing size, while the "R" indicates a specific contact type (often Reed or Relay-based). | Feature | Specification (Typical) | | :--- | :--- | | **Switching Voltage** | 5V to 240V AC/DC | | **Switching Current** | Up to 300mA | | **Contact Type** | Normally Open (NO) or Changeover | | **Response Time** | < 1.0 ms | | **Operating Temperature** | -10°C to +70°C | | **Enclosure Rating** | IP67 (Water/Dust resistant) | --- ### 2. Internal Electronic Components The internal architecture of the FLCS-30-R consists of several key stages: #### A. Sensing Element * **Reed Switch:** Most "R" designated models utilize a hermetically sealed glass tube containing two ferrous metal reeds. When a magnetic field (from an actuator) approaches, the reeds pull together to complete the circuit. * **Alternative (Solid State):** Some variations use a Hall Effect sensor, though these typically require a dedicated DC power supply. #### B. Protection Circuitry To ensure longevity in industrial environments, the internal electronics often include: * **Varistor (MOV):** Protects the contacts from voltage spikes during high-voltage switching. * **LED Indicator:** A small Gallium Arsenide (GaAs) LED is usually wired in series or parallel to provide visual feedback when the switch is triggered. #### C. Wiring Configuration The device typically follows a standard color-coding scheme: * **Brown:** Positive/Line (+) * **Blue:** Negative/Neutral (-) * **Black/White:** Output signal (if 3-wire or 4-wire configuration). --- ### 3. Connection Example Below is a conceptual representation of how to wire the FLCS-30-R to a PLC (Programmable Logic Controller). ```cpp // Logic Diagram for PLC Input [Power Source +24V] ----> [Brown Wire (FLCS-30-R)] [Blue Wire (FLCS-30-R)] ----> [PLC Input Terminal] [PLC Common] ----> [Power Ground] ``` --- ### 4. Application Use-Cases 1. **Cylinder Position:** Detecting the "Home" or "Extended" position of pneumatic actuators. 2. **Safety Interlocks:** Ensuring a machine guard is closed before high-voltage components are energized. 3. **Conveyor Counting:** Counting metallic objects passing a specific point on a production line.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FLCS-30-R?
    • ⤷ How does the 'R' designation differ from the 'P' or 'N' versions?
    • ⤷ What are the recommended mounting brackets for this specific sensor?