データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-31-R/Q

  • AI
    The **FLCS-31-R/Q** is a high-performance, compact **Fiber Optic Receiver (R)** and **Transmitter (Q/T)** module set typically used in high-speed digital audio and data communication systems. These components are often part of the TOSLINK-style optical interconnect family. --- ## 1. Technical Specifications The "R" stands for Receiver, while the "Q" or "T" represents the Transmitter. Below is a breakdown of their electronic characteristics: | Feature | Transmitter (Q/T) | Receiver (R) | | :--- | :--- | :--- | | **Primary Component** | High-speed LED | Photodetector + Pre-amplifier IC | | **Operating Voltage** | 2.7V to 5.5V | 2.7V to 5.5V | | **Signal Format** | TTL/CMOS Compatible | TTL/CMOS Compatible | | **Data Rate** | Up to 16 Mbps (standard) | Up to 16 Mbps (standard) | | **Peak Wavelength** | 650 nm (Red Light) | N/A (Sensitivity peak at 650nm) | | **Current Consumption** | ~10 mA (Typ) | ~6 mA (Typ) | --- ## 2. Pinout and Connection Most FLCS-series modules use a 3-pin configuration. Proper decoupling is required for the Receiver to prevent noise in the signal path. ### Typical Pin Configuration 1. **VCC:** Positive Power Supply. 2. **GND:** Ground. 3. **Signal (Vin/Vout):** Data Input for Transmitter / Data Output for Receiver. ### Electronic Integration Example ```cpp // Example: Driving the FLCS-31-Q (Transmitter) using an Arduino void setup() { pinMode(3, OUTPUT); // Connect Pin 3 to FLCS Transmitter Data Pin } void loop() { digitalWrite(3, HIGH); // LED On (Light pulse sent) delay(1); digitalWrite(3, LOW); // LED Off delay(1); } ``` --- ## 3. Key Electronic Functions ### The Transmitter (FLCS-31-Q) * **LED Driver:** Converts electrical voltage pulses into optical light pulses. * **Wavelength:** Operates in the visible red spectrum (650nm), allowing for visual verification of operation. ### The Receiver (FLCS-31-R) * **Transimpedance Amplifier (TIA):** Converts the small current from the photodiode into a usable voltage. * **Schmitt Trigger:** Integrated internally to ensure the output signal has clean, sharp edges (square waves) even if the optical signal is slightly degraded. --- ## 4. Application Areas * **Digital Audio:** SPDIF/TOSLINK connections in Home Theaters and Soundcards. * **Industrial Isolation:** Galvanic isolation to prevent ground loops in sensitive machinery. * **Computing:** High-speed data links between local PCB units where EMI (Electromagnetic Interference) must be avoided.
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the FLCS-31-R/Q over plastic optical fiber?
    • ⤷ How should a decoupling capacitor be wired to the Receiver to reduce noise?
    • ⤷ Can these modules be used for PWM signal transmission in motor controllers?