データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-40-R

  • AI
    ### FLCS-40-R: Overview and Specifications The **FLCS-40-R** is a specific electronic component typically categorized as a **Flat Cable Connector (FPC/FFC)** or a high-density board-to-board interconnect, often associated with manufacturers like Hirose or similar industrial electronics providers. It is designed for compact, reliable signal transmission in space-constrained environments. --- ### Technical Specifications The following table outlines the general technical characteristics of the FLCS-40-R series: | Feature | Specification | | :--- | :--- | | **Pin Count** | 40 Pins | | **Pitch** | 0.5mm or 1.0mm (standard for FPC) | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle (indicated by the "-R") | | **Current Rating** | 0.5A per pin (approximate) | | **Voltage Rating** | 50V AC/DC | | **Contact Material** | Phosphor Bronze (Gold or Tin plated) | --- ### Key Electronic Components & Features #### 1. Housing Material The body is usually constructed from a **Thermoplastic Resin** (such as LCP - Liquid Crystal Polymer). This material is chosen for its: * High heat resistance (essential for reflow soldering). * Excellent dielectric properties to prevent signal crosstalk. #### 2. Contact System The "R" in the part number signifies a **Right Angle** configuration. * **Top/Bottom Contact:** Depending on the specific sub-model, it may feature top or bottom contacts to interface with the FFC (Flexible Flat Cable). * **ZIF/Non-ZIF:** Most 40-pin connectors of this type utilize a **Zero Insertion Force (ZIF)** mechanism, involving a flip-lock or slider to secure the cable without friction. #### 3. Solder Tabs (Bosses) The part includes metallic reinforced tabs on the sides. These serve two purposes: * **Mechanical Stability:** Taking the strain off the signal pins during cable insertion. * **Grounding:** Providing a path to the PCB ground plane to reduce EMI (Electromagnetic Interference). --- ### Typical Applications Due to its high pin density and low profile, the FLCS-40-R is commonly found in: * **Display Panels:** Connecting LCD/LED screens to the main logic board. * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Automotive Infotainment:** Wiring for dashboard cameras and touchscreens. * **Medical Devices:** Handheld diagnostic equipment. --- ### Mechanical Drawing Representation ```text [ 40-Pin Interface Area ] _________________________ | | | | | | | | | | | | | | <-- Solder Leads |---------------------------| | Housing | <-- LCP Plastic | [Flip Lock Mechanism] | |___________________________| || || <-- Mounting Tabs ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FLCS-40-R?
    • ⤷ Can you provide the footprint dimensions for a PCB layout?
    • ⤷ What is the difference between ZIF and Non-ZIF versions of this connector?