データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-5F-R/

  • AI
    The **FLCS-5F-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Fuse**. These are designed for overcurrent protection in compact electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The FLCS series is often associated with miniature surface-mount fuses used to protect sensitive circuitry from power surges or short circuits. The "5F" generally denotes the current rating, while "R" often signifies RoHS compliance or specific packaging types (like Reel). ### 2. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Fuse | | **Current Rating** | 5.0 Amperes (typically) | | **Voltage Rating** | Usually rated for 32V to 63V DC (varies by sub-series) | | **Fuse Action** | Fast-Acting (F) | | **Package Size** | Typically 0603 or 1206 (EIA standard) | | **Operating Temp** | -55°C to +125°C | --- ### 3. Key Electronic Characteristics * **Fast-Acting Trip Mechanism:** The "F" in the part number indicates it is a fast-acting fuse. This means it is designed to open the circuit quickly when an overload occurs, protecting delicate semiconductors that cannot withstand even brief surges. * **Low Internal Resistance:** To prevent significant voltage drops across the component during normal operation, these fuses are engineered with very low resistance. * **Breaking Capacity:** This defines the maximum current the fuse can safely interrupt without physically exploding or arcing. For the FLCS series, this is usually around 35A - 50A at its rated voltage. --- ### 4. Typical Applications These parts are found in modern consumer electronics where space is at a premium: 1. **Laptops & Tablets:** Protecting battery charging circuits. 2. **LCD/LED Monitors:** Guarding inverter boards and backlight drivers. 3. **Mobile Devices:** Protecting internal power rails from faulty peripherals. 4. **Hard Drives (HDD/SSD):** Input power protection. --- ### 5. Part Number Deciphering (Standard Industry Logic) | Segment | Meaning | | :--- | :--- | | **FLCS** | Series Series (Surface Mount Fuse) | | **5** | Current value (5 Amps) | | **F** | Characteristic (Fast-acting) | | **R** | Compliance/Packaging (RoHS compliant / Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the FLCS-5F-R in millimeters?
    • ⤷ What are the recommended soldering profiles for this SMT fuse?
    • ⤷ How does a fast-acting fuse differ from a slow-blow fuse in DC circuits?