データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-5G-R

  • AI
    The **FLCS-5G-R** is a specialized high-speed electronic connector, primarily utilized in high-density telecommunications, server infrastructure, and industrial automation. It belongs to the **FLCS (Fine-pitch Low-profile Connector System)** family, designed specifically to support 5G frequencies and signal integrity requirements. --- ## 1. Technical Specifications The FLCS-5G-R is engineered to handle high-frequency data transmission while maintaining a compact physical footprint. | Feature | Specification Details | | :--- | :--- | | **Frequency Support** | Sub-6GHz and Millimeter Wave (mmWave) ranges | | **Data Rate** | Up to 20 Gbps+ per lane | | **Pitch** | Typically 0.5mm to 0.8mm (Fine-pitch) | | **Impedance** | 50 Ohms (Nominal) / 100 Ohms Differential | | **Mounting Type** | Surface Mount Technology (SMT) | | **Termination** | Gold-plated contacts for corrosion resistance | --- ## 2. Core Electronic Components & Architecture The "Electronic Parts" of the FLCS-5G-R refer to the materials and structural design that allow it to function as a bridge between PCBs (Printed Circuit Boards). ### A. Contact Terminals * **Material:** Phosphor Bronze or Copper Alloy. * **Function:** These are the conductive paths. The "-R" variant usually indicates a **Receptacle** (female) side or a **Right-angle** configuration. * **Plating:** Multi-layer plating (Nickel underplate with Gold topcoat) to minimize skin effect losses at high frequencies. ### B. Dielectric Housing * **Material:** High-temperature Liquid Crystal Polymer (LCP). * **Function:** Provides electrical insulation between pins. LCP is chosen for its extremely low dielectric constant (Dk), which prevents signal delay and crosstalk in 5G circuits. ### C. Shielding (EMC/EMI) * **Internal Grounding:** The connector includes integrated metal shields or "grounding fingers." * **Function:** This reduces Electromagnetic Interference (EMI) from neighboring electronic components, which is critical in 5G devices packed with multiple antennas. --- ## 3. Signal Integrity Features Because this part is used in 5G applications, its electronic design focuses on three main areas: 1. **Low Insertion Loss:** Minimizes the amount of energy lost as the signal passes through the connector. 2. **VSWR (Voltage Standing Wave Ratio):** The internal geometry is optimized to prevent signal reflections that could damage the RF front-end modules. 3. **Thermal Management:** The housing is designed to withstand the heat generated by high-power 5G power amplifiers (PAs). --- ## 4. Typical Application Example In a standard 5G base station or smartphone assembly: ```yaml Signal Flow: [5G Antenna Array] -> [Coaxial Cable] -> [FLCS-5G-R Connector] -> [Main PCB / RFIC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific footprint dimensions for the FLCS-5G-R on a PCB?
    • ⤷ How does the FLCS-5G-R compare to standard MMCX connectors in terms of signal loss?
    • ⤷ Is the FLCS-5G-R compatible with automated pick-and-place assembly machines?