データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-5G-R/Q

  • AI
    The **FLCS-5G-R/Q** is a high-performance, high-frequency coaxial connector series, typically associated with the **FAKRA** (Fachkreis Automobil) standards. These components are specifically engineered for the automotive industry to support high-speed data transmission and telematics. --- ### 1. Key Technical Specifications The "5G" in the part number signifies its optimization for sub-6GHz frequencies, making it essential for modern vehicular communication modules. | Feature | Specification | | :--- | :--- | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 6 GHz (Optimized for 5G/V2X) | | **VSWR** | ≤ 1.40 (Typically up to 6 GHz) | | **Mounting Type** | PCB Right Angle (R) / SMT or Through-hole | | **Coding** | Mechanical Coding (A to Z) to prevent mismating | | **Standard** | ISO 20860-1, USCAR-18 | --- ### 2. Core Electronic Components The connector consists of three primary physical/electronic sections: #### A. The Center Contact (Signal Path) * **Material:** Usually Gold-plated Phosphor Bronze or Brass. * **Function:** This is the primary conductor for high-frequency RF signals. Gold plating is used to minimize contact resistance and prevent oxidation over the vehicle's lifespan. #### B. The Dielectric (Insulator) * **Material:** PTFE (Teflon) or High-temp Plastic. * **Function:** Maintains the 50-ohm characteristic impedance by providing a specific spatial constant between the center pin and the outer shield. #### C. The Outer Contact & Housing (Ground/Shield) * **Shielding:** A metal housing acts as the "Outer Shield," crucial for Electromagnetic Interference (EMI) protection. * **Color-Coded Plastic Housing:** The "Q" or "R" designations often refer to specific mechanical keying or packaging. These plastic shells ensure that only the correct cable can be plugged into the correct port (e.g., GPS vs. Cellular). --- ### 3. Application Use-Cases In modern automotive electronics, the FLCS-5G-R/Q is used in the following modules: 1. **Telematics Control Units (TCU):** Connecting the internal PCB to the external 5G antenna. 2. **V2X (Vehicle-to-Everything):** Low-latency communication for autonomous driving features. 3. **Infotainment Systems:** High-bandwidth data for streaming and navigation. 4. **ADAS Sensors:** Sending high-resolution radar or camera data to a central processing unit. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: ```text FLCS - [5G] - [R] / [Q] | | | | | | | +-- Mechanical Coding/Packaging Type | | +-------- Orientation (R = Right Angle) | +-------------- Frequency Tier (5G / 6GHz) +--------------------- Series Identifier (FAKRA Low-profile/Standard) ```
    ✨ Follow-up Questions
    • ⤷ What are the mechanical coding differences (A-Z) for FAKRA connectors?
    • ⤷ How does the FLCS-5G handle EMI shielding compared to standard RF connectors?
    • ⤷ What are the soldering requirements for the R-type right-angle mounting?