データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLCS-71-R/Q

  • AI
    The **FLCS-71-R/Q** refers to a high-performance **Flight Control System (FLCS)**, specifically a series of **Flight Control Computers (FCC)** or related electronic modules often found in military aviation or advanced UAV platforms. These systems are designed to manage flight dynamics through fly-by-wire (FBW) technology. Below is an overview of the electronic components and architecture typically associated with this series. --- ### 1. Core Electronic Architecture The FLCS-71 series is built on a modular, redundant architecture to ensure flight safety. | Component | Description | Function | | :--- | :--- | :--- | | **Microprocessor Unit (MPU)** | High-speed RISC or specialized MIL-STD processors. | Executes control laws (C-Laws) and flight algorithms. | | **I/O Processor** | Dedicated sub-processor for signal handling. | Manages data flow between the core and external sensors. | | **A/D & D/A Converters** | High-precision Analog-to-Digital converters. | Converts sensor voltages into digital data for processing. | | **Non-Volatile Memory** | EEPROM or Flash storage. | Stores flight software, calibration constants, and fault logs. | --- ### 2. Key Interface & Communication Modules For a flight controller to operate, it must communicate with various subsystems using standardized military protocols: * **MIL-STD-1553B / ARINC 429:** The primary data buses used to communicate with the Mission Computer, Navigation System (INS/GPS), and Air Data Computer. * **RS-422/485 Channels:** Often used for lower-level communication with specific smart actuators. * **Discrete I/O:** High-voltage (28V) discrete lines for cockpit switch inputs and status indicator outputs. --- ### 3. Power Electronics & Protection Since these units operate in harsh environments, the internal power supply units (PSU) are highly specialized: * **EMI/EMC Filtering:** Extensive shielding and filtering to prevent electromagnetic interference from jamming flight signals. * **Redundant Power Rails:** The "R/Q" variants usually feature dual or quad power inputs to prevent a single point of failure from crashing the system. * **Thermal Management:** The housing usually acts as a heat sink, utilizing conduction cooling to dissipate heat generated by the high-speed processors. --- ### 4. Signal Processing Logic The "electronic brain" of the FLCS-71-R/Q performs three critical tasks: 1. **Sensor Fusion:** Combines data from Rate Gyros, Accelerometers, and Pitot-Static sensors. 2. **Voter Logic:** In redundant "R" configurations, the computer compares signals from multiple channels. If one channel deviates (a "miscompare"), the electronic logic automatically bypasses the faulty module. 3. **Servo Loop Control:** Generates Pulse Width Modulation (PWM) or analog current commands to drive hydraulic or electric actuators that move the aircraft's control surfaces (ailerons, elevators, etc.). --- ### Example: Software/Code Structure *The underlying logic is typically written in Ada or C, following strict DO-178C safety standards.* ```cpp // Simplified representation of a Control Law loop void FlightControlLoop() { double pitch_rate = Read_Gyro_Sensor(CHANNEL_A); double pilot_input = Read_Stick_Position(); // Calculate required surface deflection double command = Calculate_PID(pitch_rate, pilot_input); // Output to Actuator Control Electronics (ACE) Send_Actuator_Command(command); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' variants of the FLCS-71?
    • ⤷ Which aircraft platforms commonly utilize the FLCS-71 series?
    • ⤷ How does the voter logic handle electronic failures in real-time?