データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLM-20-R

  • AI
    The **FLM-20-R** is an electronic component primarily classified as a **Wirewound Power Resistor** with a specific focus on high-reliability or high-voltage applications, often associated with industrial and specialty lighting or power circuits. --- ## 1. Core Technical Specifications The "FLM" series generally follows a standard naming convention in the electronics industry. Below are the typical electronic characteristics for a 20W rated resistor: | Specification | Typical Value / Description | | :--- | :--- | | **Power Rating** | 20 Watts (at 25°C - 70°C) | | **Tolerance** | ±5% (Standard) or ±10% | | **Element Type** | Wirewound (Nichrome or similar alloy) | | **Coating** | Silicone or vitreous enamel (Heat resistant) | | **Mounting** | Axial Lead (Thru-hole) | --- ## 2. Key Electronic Features The FLM-20-R is designed with specific physical and electrical properties to handle high energy loads: * **Heat Dissipation:** Due to the 20W rating, this part is physically larger than standard resistors. It is designed to radiate heat into the ambient air or through its leads. * **Inductance:** Since it is a **wirewound** component, it has inherent inductance. It is generally unsuitable for high-frequency switching applications but excellent for low-frequency power filtering. * **Surge Protection:** Wirewound resistors are more robust against temporary voltage surges or "inrush currents" compared to film-type resistors. * **RoHS Compliance:** The "-R" suffix usually denotes **RoHS compliance**, meaning the part is manufactured without hazardous materials like lead. --- ## 3. Common Applications Electronics containing the FLM-20-R typically fall into these categories: 1. **Industrial Lighting:** Used as a current-limiting resistor for high-output lamps or ballasts. 2. **Power Supplies:** Acts as a "bleeder resistor" to discharge high-voltage capacitors safely when power is removed. 3. **Motor Controllers:** Used for braking or current sensing in small industrial motors. 4. **Testing Equipment:** Employed as a "dummy load" to simulate a real-world electronic load during circuit testing. --- ## 4. Usage Precautions * **Spacing:** Ensure at least 15mm-25mm of space around the component to allow for air cooling. * **Soldering:** Use high-temperature solder if the component is expected to run near its maximum thermal limit. * **Voltage Rating:** While it can handle 20W, ensure the applied voltage does not exceed the dielectric strength of the insulation coating.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the FLM-20-R?
    • ⤷ Can this resistor be used in high-frequency RF applications?
    • ⤷ What are the common alternatives if the FLM-20-R is out of stock?