データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLM-2F-R

  • AI
    The **FLM-2F-R** is an **Electronic Control Module (ECM)** specifically designed for electronic fuel injection (EFI) systems, primarily used in motorcycles and powersports vehicles (notably associated with brands like Haojue or Suzuki-licensed designs). Below is a technical breakdown of its electronic components and functions. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Engine Control Unit (ECU) / Electronic Control Module (ECM) | | **Input Voltage** | 9V – 16V DC (Standard 12V automotive battery) | | **Microcontroller** | High-performance 16-bit or 32-bit RISC architecture | | **Connector** | Multi-pin sealed automotive grade connector | | **Enclosure** | Heat-resistant, vibration-dampened composite or aluminum | | **In-circuit Protection** | Overvoltage, reverse polarity, and short-circuit protection | --- ### 2. Key Electronic Internal Sections The FLM-2F-R operates by processing analog and digital signals to manage the engine's combustion cycle. #### A. Input Signal Conditioning (Sensors) The electronic board contains circuits to filter and interpret data from: * **Crankshaft Position Sensor (CKP):** Determines engine RPM and piston timing. * **Throttle Position Sensor (TPS):** Measures rider input/load. * **Manifold Absolute Pressure (MAP):** Detects air density for fuel calculation. * **Engine Temperature (ECT):** Adjusts fuel mixture for cold starts. #### B. Power Management Stage This section converts the noisy 12V-14V battery voltage into a stable **5V DC** supply for the internal microprocessor and external sensors. It utilizes voltage regulators and capacitors to prevent reset cycles during engine cranking. #### C. Output Driver Stage (Actuators) The module uses **Power MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) to switch high-current components: * **Fuel Injector Driver:** Controls the "Pulse Width" (opening time) of the injector. * **Ignition Coil Driver:** Manages the timing of the spark plug discharge. * **Idle Air Control (IAC):** Regulates the stepper motor or valve for stable idling. --- ### 3. Firmware and Logic The FLM-2F-R contains a **Look-Up Table (Map)** stored in its EEPROM. * **Closed-Loop Control:** If equipped with an Oxygen (O2) sensor, the electronics constantly adjust the "Air-Fuel Ratio" (AFR) to 14.7:1 for optimal emissions. * **Safety Logic:** The module includes a "Limp Home" mode, which allows the engine to run on basic parameters if a non-critical sensor fails. --- ### 4. Common Failure Points Like most automotive electronics, the FLM-2F-R is susceptible to: 1. **Thermal Stress:** Breakdown of solder joints due to engine heat. 2. **Voltage Spikes:** Damage to the input protection diodes from a faulty regulator/rectifier. 3. **Corrosion:** Moisture entry at the pin header causing high resistance.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing FLM-2F-R module?
    • ⤷ How do you test the output signal of the fuel injector driver using a multimeter?
    • ⤷ Is the FLM-2F-R programmable for performance tuning?