データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLM-4E-R

  • AI
    The **FLM-4E-R** is an Electronic Reversing Contactor or a Forward-Left-Middle (specialized motor control) module, most commonly associated with industrial automation and material handling systems (such as those from SEW-Eurodrive or specialized Siemens interfaces). Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Functions The FLM-4E-R is primarily designed to control the direction and state of small motors or actuators. It bridges the gap between a low-power control signal (like a PLC output) and the higher power required by a motor. | Feature | Description | | :--- | :--- | | **Logic Control** | Processes 24V DC input signals to determine rotation direction. | | **Switching Mechanism** | Uses electromechanical relays or solid-state switches (model dependent). | | **Protection** | Built-in electrical interlocking to prevent short circuits during reversal. | | **Indication** | Integrated LEDs for status monitoring (Power, Run, Fault). | --- ### 2. Key Electronic Components The internal architecture consists of several critical stages: #### A. Input Interface (Control Side) * **Optocouplers:** Used to galvanically isolate the sensitive PLC/Logic electronics from the power switching side. * **Filtering Capacitors:** Small SMD capacitors that reduce electromagnetic interference (EMI) on the control lines. #### B. Logic and Interlocking * **Logic Gates / Microcontroller:** Ensures that the "Forward" and "Reverse" signals cannot be active simultaneously (Hardware Interlock). * **Diodes:** Flyback diodes are placed across relay coils to prevent voltage spikes when the coil is de-energized. #### C. Power Stage (Output Side) * **Relays/Contactors:** High-current contacts designed to handle inductive motor loads. * **Snubber Circuits:** RC (Resistor-Capacitor) networks across the contacts to suppress arcing and extend the component's lifespan. --- ### 3. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Logic)** | 24 V DC (±10%) | | **Switching Voltage (Load)** | Up to 250 V AC / 30 V DC | | **Rated Current** | 2.0 A to 4.0 A (depending on specific revision) | | **Connection Type** | M12 Circular Connectors or Screw Terminals | | **Protection Class** | IP20 or IP65 (housing dependent) | --- ### 4. Wiring Overview The device typically utilizes a standardized pinout for industrial integration: ```markdown Pin 1: +24V DC Supply Pin 2: Control Input (Forward) Pin 3: 0V / GND Pin 4: Control Input (Reverse) Pin 5: Functional Earth (FE) ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes of the FLM-4E-R relay contacts?
    • ⤷ How do you configure the hardware interlocking for this module?
    • ⤷ Can this module be used with Brushless DC motors or only Brushed/AC motors?