データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLM-62-R

  • AI
    The **FLM-62-R** is a specific electronic component primarily associated with industrial automation and fluid control systems. It is commonly identified as a **Flow Meter** (often an oval gear or positive displacement type) or a specific **Limit Switch / Feedback module** used in valve actuation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The following table outlines the typical electrical and mechanical parameters for the FLM-62-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Flow Meter / Feedback Sensor | | **Operating Voltage** | 12V - 24V DC (Standard) | | **Output Signal** | Pulse (NPN/PNP) or 4-20mA Analog | | **Connection Type** | M12 Connector or Lead Wire | | **Housing Material** | Stainless Steel or PPS (depending on fluid) | | **Max Pressure** | Up to 10 Bar (typical) | | **Operating Temp** | -10°C to +70°C | --- ## 2. Key Electronic Features ### A. Sensing Mechanism The "FLM" designation usually implies a **Flow Measurement** device. It utilizes internal sensors (often Hall Effect or Magnetic Reed switches) to detect the rotation of internal gears. * **Resolution:** High-resolution pulse output allows for precise volume measurement. * **Response Time:** Low latency signal processing for real-time monitoring. ### B. Signal Output Types The FLM-62-R generally offers two types of electronic interfacing: 1. **Digital Pulse:** Every rotation of the internal mechanism sends a square wave pulse to a PLC (Programmable Logic Controller). 2. **Analog Feedback:** Some variants convert the pulse frequency into a steady 4-20mA current loop, representing the flow rate. ### C. Protection Circuitry To ensure longevity in industrial environments, the electronics include: * **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped. * **Short Circuit Protection:** Safeguards the output stage against wiring faults. * **IP Rating:** Typically rated **IP65 or IP67**, making it resistant to dust and water splashes. --- ## 3. Pin Configuration (M12 Connector) If the unit uses a standard 4-pin M12 circular connector, the wiring is usually structured as follows: ```yaml Pin 1: V+ (Brown) -> 24V DC Power Pin 2: NC/Signal 2 -> Optional (Direction or Alarm) Pin 3: V- (Blue) -> 0V / Ground Pin 4: OUT (Black) -> Pulse/Analog Signal ``` --- ## 4. Application Context In electronic control loops, the FLM-62-R serves as the **Input Device**. It provides the necessary data for: * **Dosing Systems:** Controlling the exact amount of chemical injection. * **Consumption Monitoring:** Tracking fluid usage in a factory line. * **Safety Interlocks:** Shutting down pumps if flow is not detected despite the motor being active. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse-per-liter (K-Factor) for the FLM-62-R?
    • ⤷ Does this model support Modbus or other digital communication protocols?
    • ⤷ What are the specific fluid compatibility requirements for this sensor?