データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FLM-BB-R

  • AI
    The **FLM-BB-R** is an electronics component primarily used in fire alarm and security systems. Specifically, it is the **Surface Mount Back Box (Red)** manufactured by **Johnson Controls (Simplex)**. While it is a passive housing component, its electronic integration is critical for the functioning of pull stations and notification appliances. --- ## 1. Technical Specifications The FLM-BB-R is designed to house the internal electronic wiring and circuitry of addressable or conventional fire alarm manual stations. | Feature | Specification | | :--- | :--- | | **Part Number** | FLM-BB-R | | **Material** | Heavy-duty sheet metal or high-impact plastic (variant dependent) | | **Color** | Red (Standard Fire Safety Identification) | | **Mounting Type** | Surface Mount | | **Application** | Manual Pull Stations / Electronic Control Modules | --- ## 2. Electronic Roles & Integration Although the box itself is metal/plastic, it serves several vital electronic functions: ### A. EMI/RFI Shielding When housing addressable monitor modules or pull stations (like the Simplex 4099 series), the metal back box acts as a basic shield against **Electromagnetic Interference (EMI)**. This prevents false alarms caused by nearby electrical noise. ### B. Grounding and Continuity The FLM-BB-R includes a dedicated grounding screw. In fire alarm electronics, maintaining a solid earth ground is essential for: * Protecting internal integrated circuits (ICs) from static discharge. * Ensuring the **Shielded Twisted Pair (STP)** drain wire has a termination point to prevent data corruption on the signaling line circuit (SLC). ### C. Cable Management and Wire Protection The internal volume is calculated to maintain the **minimum bend radius** for electronic signaling wires. This prevents: * **Impedance changes:** Caused by crushed or tightly kinked wires. * **Short circuits:** Providing enough clearance so that the electronic module doesn't press against the field wiring. --- ## 3. Compatible Electronic Devices The FLM-BB-R is typically used to house the following electronic assemblies: 1. **Addressable Pull Stations:** Electronic units that communicate via a digital protocol (like IDNet or MAPNET II). 2. **Monitor Modules:** Small PCBs used to interface conventional dry contact devices with a digital fire alarm control panel. 3. **Signal Adapters:** Electronics that convert digital signals into physical relay outputs. --- ## 4. Installation Geometry * **Knockouts:** The box features multiple 1/2" (12.7 mm) knockouts for conduit entry, allowing for the organized routing of power-limited electronic cabling. * **Internal Depth:** Specifically sized to ensure the electronic components of the pull station do not overheat and have adequate airflow.
    ✨ Follow-up Questions
    • ⤷ What are the specific Simplex pull station models compatible with the FLM-BB-R?
    • ⤷ Does the FLM-BB-R require a specific gasket for outdoor electronic protection?
    • ⤷ How does the grounding screw in the FLM-BB-R affect the SLC loop signaling?