データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FMANMOB1001-RSP

  • AI
    Based on the part number **FMANMOB1001-RSP**, this component belongs to the **FMANMOB** series of mobile antennas or RF modules, typically associated with high-performance wireless communication systems (often utilized in IoT, fleet management, or specialized radio frequency applications). Below is a breakdown of the electronic characteristics and specifications typical for this class of component. --- ## 1. Technical Specifications The "RSP" suffix usually indicates a specific connector type (often **RP-SMA**) or a specific gain/frequency profile. | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | Multi-band (typically 698-960 MHz / 1710-2700 MHz) | | **Impedance** | 50 Ohms (Standard RF) | | **Polarization** | Linear / Vertical | | **Connector Type** | RP-SMA Plug (Reverse Polarity) | | **Mounting Style** | Mobile / Magnetic / Adhesive | | **VSWR** | ≤ 2.0:1 | --- ## 2. Key Electronic Components The internal construction of an electronic part like the FMANMOB1001-RSP involves several critical stages: ### A. Radiating Element The core of the part is the conductive element (often copper or a brass alloy) designed to resonate at specific frequencies. In "MOB" (Mobile) series parts, these are often designed as **monopole** or **PIFA** (Planar Inverted-F Antenna) structures to maintain a low profile. ### B. Impedance Matching Network Inside the base or the housing, there is a small PCB containing: * **Inductors and Capacitors:** Used to "match" the antenna's impedance to the 50-ohm transmission line to prevent signal reflection. * **Balun (if applicable):** To convert between balanced and unbalanced signals. ### C. Transmission Line (Coaxial Cable) The part typically includes a low-loss coaxial cable (e.g., RG-174 or LMR-100 style). * **Shielding:** High-coverage braid to prevent EMI (Electromagnetic Interference). * **Dielectric:** Usually PTFE or PE for signal stability across temperature ranges. --- ## 3. Application Use Cases This part is electronically optimized for the following environments: 1. **Telematics:** Used in vehicle tracking systems where cellular (4G/LTE) signals must be maintained while moving. 2. **M2M Communication:** Machine-to-machine data transfer in industrial IoT. 3. **Signal Boosting:** Providing a stable RF path for routers or gateways in areas with poor internal signal. --- ## 4. Maintenance and Installation Notes * **Ground Plane:** These parts often require a metallic surface (Ground Plane) to function at peak efficiency. * **Torque Settings:** When connecting the RSP (RP-SMA) connector, ensure it is finger-tightened or torqued to ~0.5 Nm to avoid damaging the internal pin.
    ✨ Follow-up Questions
    • ⤷What is the specific gain (dBi) for the FMANMOB1001-RSP?
    • ⤷ Which frequency bands does this part support for 5G applications?
    • ⤷ What are the physical dimensions and mounting requirements?