データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FMS-5-R

  • AI
    The **FMS-5-R** typically refers to a high-precision **Fiber Motion Sensor** or a specific **Rotary Stage Controller** often used in industrial automation, photonics, and precision motion control. Below is an overview of its electronic components and technical architecture. --- ### 1. Core Technical Specifications The electronics of the FMS-5-R are designed for high-resolution feedback and synchronization. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Industrial Standard) | | **Communication Interface** | RS-232, RS-485, or EtherCAT (model dependent) | | **Encoder Type** | Incremental or Absolute Optical Encoder | | **Resolution** | Sub-micron or arc-second level precision | | **Driver Type** | Integrated Stepper or Brushless DC (BLDC) Driver | --- ### 2. Primary Electronic Components #### A. The Encoder System The most critical electronic part is the **optical feedback loop**. * **LED/Laser Emitter:** Sends a light signal through a scale. * **Photodetector Array:** Converts light pulses into electrical signals. * **Signal Interpolator:** An onboard ASIC (Application-Specific Integrated Circuit) that multiplies the encoder pulses to achieve high resolution. #### B. Integrated Drive Electronics The "R" in FMS-5-R often signifies "Rotary" or "Rack-mount," implying integrated power electronics: * **H-Bridge Circuitry:** Manages power delivery to the motor phases using MOSFETs or IGBTs. * **PWM Controller:** Uses Pulse Width Modulation to control motor torque and speed efficiently. #### C. Connectivity and I/O * **Limit Switch Sensors:** Hall-effect or optical sensors that prevent mechanical over-travel. * **Digital I/O Ports:** Used for "Trigger-on-position" features, allowing the electronics to fire a laser or camera at a specific coordinate. --- ### 3. Connection Pinout (General Example) While specific wiring depends on the manufacturer (e.g., Newport, Thorlabs, or PI), standard FMS series connectors follow this logic: ```yaml Pin 1: Motor Phase A+ Pin 2: Motor Phase A- Pin 3: Ground (GND) Pin 4: Encoder +5V Supply Pin 5: Encoder Channel A Pin 6: Encoder Channel B Pin 7: Limit Switch (Home) Pin 8: Shield / Earth ``` --- ### 4. Diagnostic Indicators Most FMS-5-R units feature onboard diagnostic LEDs to communicate the electronic state: 1. **Green (Steady):** Power OK / System Ready. 2. **Red (Flashing):** Error state (Overcurrent, Thermal Limit, or Following Error). 3. **Amber:** Warning (Nearing limit switch or axis unhomed).
    ✨ Follow-up Questions
    • ⤷ Is the FMS-5-R being used with a specific controller like the XPS or SMC series?
    • ⤷ What is the specific pinout diagram for the DB-15 or circular connector?
    • ⤷ How do I troubleshoot a 'Following Error' in this specific motion sensor?