データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FMS-5W-R/K

  • AI
    The **FMS-5W-R/K** is a high-performance, single-channel power supply module (often a DC-DC converter) typically used in industrial automation, telecommunications, and high-reliability electronic systems. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Model Series** | FMS (Fixed Input, Managed/Regulated Output) | | **Power Rating** | 5 Watts | | **Output Type** | Single Output | | **Mounting Style** | PCB Mount (Through-hole) | | **Suffix R/K** | Usually denotes specific pinout configurations or RoHS compliance | --- ### 2. Key Electronic Components & Internal Design The device is a complex assembly of several sub-blocks integrated into a small footprint: * **Switching Controller:** Uses High-Frequency Pulse Width Modulation (PWM) to maintain efficiency. * **Isolation Barrier:** Typically provides 1kV to 3kV DC isolation between the input and output circuits using an internal high-frequency transformer. * **Filtering Stage:** Includes internal LC (Inductor-Capacitor) filters to minimize output ripple and noise. * **Protection Circuitry:** * **Short Circuit Protection (SCP):** Prevents damage during load faults. * **Over Voltage Protection (OVP):** Safeguards the connected load. --- ### 3. Electrical Characteristics These parts are designed for stability under varying thermal and electrical conditions. | Parameter | Typical Value | | :--- | :--- | | **Efficiency** | 75% - 85% (Load dependent) | | **Isolation Voltage** | 1000V DC - 1500V DC | | **Switching Frequency** | ~100 kHz to 300 kHz | | **Operating Temp** | -40°C to +85°C | --- ### 4. Application Context The "5W" rating makes this part ideal for powering: 1. **Microcontrollers:** Providing clean 3.3V or 5V logic power. 2. **Sensors:** Isolating sensitive analog sensor data from noisy power rails. 3. **Communication Modules:** Powering RS-485 or CAN bus transceivers to prevent ground loops. --- ### 5. Schematic Symbol Representation When designing a PCB with this part, the pinout typically follows this logic: ```markdown 1. +Vin (Positive Input) 2. -Vin (Negative Input/GND) 3. +Vout (Positive Output) 4. -Vout (Common/Output Ground) 5. Trim/NC (Optional adjustment pin) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage ranges for the FMS-5W series?
    • ⤷ How does the R/K suffix affect the physical pin layout?
    • ⤷ What external capacitors are recommended for filtering the FMS-5W-R/K?