データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FNS-46-R

  • AI
    The **FNS-46-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Pass Filter** manufactured by companies like Mini-Circuits. It is designed to allow low-frequency signals to pass through while attenuating (blocking) higher frequencies. --- ### 1. Technical Specifications Below are the primary electrical characteristics of the FNS-46-R: | Parameter | Value/Range | | :--- | :--- | | **Passband** | DC to 46 MHz | | **Stopband (Lower Limit)** | 64 MHz | | **Insertion Loss (Passband)** | < 1.0 dB (typical) | | **Rejection (Stopband)** | > 20 dB (typical) | | **VSWR** | 1.3:1 (typical) | | **Impedance** | 50 Ohms | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Features * **Sharp Roll-off:** It provides a steep transition from the passband to the stopband, ensuring high-frequency noise is effectively removed. * **Surface Mount Package:** Designed for automated assembly on PCBs (Printed Circuit Boards), usually in a compact "FV1206" or similar ceramic package. * **Low Insertion Loss:** Minimizes signal strength reduction within the desired frequency range (DC-46 MHz). * **Rugged Construction:** Built to withstand standard industrial temperature ranges and vibration. --- ### 3. Pinout and Internal Structure While the component is often a 4-pin or 6-pin surface mount device, its internal electronic logic follows a standard LC (Inductor-Capacitor) ladder network. ```text Internal Diagram (Simplified): L1 L2 IN o--NNN--+--NNN--o OUT | --- C1 | GND ``` --- ### 4. Common Applications The FNS-46-R is used in circuits where high-frequency interference needs to be suppressed without affecting the primary signal: 1. **Harmonic Rejection:** Used after an oscillator to remove unwanted harmonic frequencies. 2. **Transmitter/Receiver Chains:** Filters out out-of-band noise in communication equipment. 3. **Data Acquisition:** Prevents aliasing by filtering high-frequency components before an Analog-to-Digital Converter (ADC). 4. **Test Equipment:** Ensures signal purity in signal generators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FNS-46-R and the FNS-50-R?
    • ⤷ Can this filter be used in high-power RF applications?
    • ⤷ How does the insertion loss change as the frequency approaches 46 MHz?