データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FNS-C1-R

  • AI
    The **FNS-C1-R** is an electronic component primarily classified as a **Switching Power Supply Filter** or **Noise Filter**. These parts are essential in electronic circuits to mitigate electromagnetic interference (EMI) and ensure signal integrity. --- ### 1. General Specifications The FNS-C1-R is typically used in industrial and consumer electronics to prevent high-frequency noise from traveling back into the power grid or affecting sensitive internal components. | Feature | Description | | :--- | :--- | | **Component Type** | EMI/RFI Noise Filter | | **Current Rating** | Typically 1A (Depending on specific manufacturer variants) | | **Voltage Rating** | 250V AC / DC | | **Termination Style** | Pin/Through-hole or Faston terminals | | **Configuration** | Single Phase | --- ### 2. Core Electronic Functions The FNS-C1-R functions through a combination of passive electronic elements: * **Inductors (Chokes):** Blocks high-frequency AC noise while allowing low-frequency power to pass. * **Capacitors (X and Y types):** * *X-Capacitors:* Connected across the lines to filter differential mode noise. * *Y-Capacitors:* Connected from line to ground to filter common-mode noise. * **Resistors:** Often includes a discharge resistor to bleed off stored charge when power is disconnected for safety. --- ### 3. Application Areas These filters are integrated into devices where "clean" power is a requirement: 1. **Switching Power Supplies (SMPS):** To suppress the high-frequency switching noise generated by transistors. 2. **Medical Equipment:** To ensure electromagnetic compatibility (EMC) in sensitive environments. 3. **Telecommunications:** To prevent data corruption caused by electrical spikes. 4. **Automation Controllers:** Protecting PLCs (Programmable Logic Controllers) from industrial electrical noise. --- ### 4. Installation and Safety When dealing with the FNS-C1-R, consider the following electronic parameters: * **Insertion Loss:** The measure of the filter's effectiveness (expressed in decibels). * **Leakage Current:** The small amount of current that flows through the Y-capacitors to the ground. * **Operating Temperature:** Ensure the component operates within its rated thermal range to avoid dielectric breakdown in the capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the FNS-C1-R?
    • ⤷ How does this filter compare to the FNS-C2-R model?
    • ⤷ Can you provide a wiring diagram for integrating this filter into a DC circuit?