データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP-R

  • AI
    The **FP-R** designation typically refers to specialized series of electronic components, most notably found in **Panasonic’s Power Relays** and **FP (Functional Polymer) Aluminum Electrolytic Capacitors**. --- ## 1. Panasonic FP-R Series Relays These are low-profile, high-sensitivity electromagnetic relays used primarily in industrial automation and communication equipment. ### Key Specifications | Feature | Description | | :--- | :--- | | **Contact Form** | Usually available in 1 Form C or 2 Form C configurations. | | **Coil Sensitivity** | High sensitivity (approx. 140mW to 200mW). | | **Size** | Compact/Slim-line design for high-density PCB mounting. | | **Applications** | Programmable Controllers (PLCs), Thermostats, and Security Systems. | --- ## 2. FP-R Aluminum Electrolytic Capacitors In the world of passive components, "FP" often denotes **Functional Polymer** capacitors. These are solid-state capacitors that use a conductive polymer instead of a liquid electrolyte. ### Technical Advantages * **Low ESR:** Equivalent Series Resistance is extremely low, allowing for high ripple current handling. * **Thermal Stability:** They do not "dry out" like standard electrolytic capacitors, offering longer lifespans at high temperatures. * **Voltage Ratings:** Typically ranges from 2.5V to 25V, common in CPU and GPU power delivery circuits (VRMs). --- ## 3. General Electronic Characteristics When dealing with the "R" suffix in these part numbers, it generally indicates specific physical or electrical modifications: ### Common "R" Suffix Meanings 1. **Reflow Soldering:** Indicates the part is rated for lead-free reflow soldering temperatures. 2. **Reverse Pinout:** In some relay models, "R" signifies a mirrored pin layout compared to the standard version. 3. **Resistance:** In specific sensor modules, it may denote a built-in resistor for signal conditioning. --- ### Comparison: Standard vs. FP-R Polymer Capacitors | Parameter | Standard Electrolytic | FP-R Polymer | | :--- | :--- | :--- | | **Electrolyte** | Liquid | Solid Polymer | | **Lifespan** | ~2,000 hours @ 105°C | ~5,000+ hours @ 105°C | | **ESR @ 100kHz** | High (0.5Ω - 2Ω) | Very Low (0.005Ω - 0.02Ω) | ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific manufacturer like Panasonic or Nichicon?
    • ⤷ Do you need the pinout diagram for an FP-R relay?
    • ⤷ Are you looking for a replacement part for a failed FP-R capacitor?