データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP1006R2-R16-R

  • AI
    The **FP1006R2-R16-R** is a high-frequency, high-current power inductor typically used in multi-phase voltage regulator modules (VRMs). It is manufactured by Eaton (formerly Cooper Bussmann) as part of their FP1006 series. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 160 nH (0.16 µH) | | **Tolerance** | ±10% | | **Saturation Current ($I_{sat}$)** | 85 A (at 25°C) | | **Rated Current ($I_{rms}$)** | 43 A | | **DC Resistance (DCR)** | 0.46 mΩ (Max) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **Dimensions** | 10.2 x 8.0 x 6.0 mm | --- ### 2. Core Features and Construction * **High Frequency Performance:** Designed for high switching frequencies (up to 2 MHz), making it ideal for modern power management ICs. * **Ferrite Core Material:** The use of a ferrite core ensures low core losses and stable performance across a wide frequency range. * **Flat-Wire Design:** The "FP" in the series often refers to a flat-wire construction which minimizes DC resistance (DCR) and optimizes the footprint for high current density. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets environmental standards. --- ### 3. Common Applications This specific inductor is found in high-performance computing environments where space is limited and power demands are extreme: * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards to step down voltage for CPUs and GPUs. * **Point-of-Load (POL) Converters:** Used in telecommunications and data centers. * **Servers and Workstations:** Essential for high-density power supply circuits. --- ### 4. Interpretation of Part Number The part number can be broken down as follows: * **FP1006:** Series name and package dimensions (approx. 10x6mm footprint). * **R2:** Revision or design variation (specific to the physical construction). * **R16:** Inductance value where "R" acts as a decimal point ($0.16 \mu H$). * **-R:** RoHS compliance suffix. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations when running this inductor at 85A?
    • ⤷ How does the DCR of this part compare to standard wire-wound inductors?
    • ⤷ Can this inductor be used in automotive applications?