データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP1108R1-R18-R

  • AI
    ## Technical Overview of FP1108R1-R18-R The **FP1108R1-R18-R** is a high-current, shielded drum core power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the FP1108 series, which is specifically designed for high-frequency, high-current applications such as Voltage Regulator Modules (VRMs). --- ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | | **Current Rating (Irms)** | 53 Amps | | **Saturation Current (Isat)** | 72 Amps | | **DC Resistance (DCR)** | 0.32 mΩ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 11.0mm x 8.0mm x 8.0mm | | **Termination Style** | Surface Mount (SMD/SMT) | --- ### 2. Physical and Material Characteristics * **Core Material:** Ferrite. This allows for low core losses at high frequencies. * **Shielding:** It is a **shielded** inductor, meaning it minimizes Electromagnetic Interference (EMI) by containing the magnetic flux within the component body. * **Construction:** It features a "Flat-Pac" design with a rectangular footprint, optimized for automated pick-and-place assembly and high-density PCB layouts. --- ### 3. Part Number Breakdown Understanding the nomenclature helps identify variations: | Segment | Meaning | | :--- | :--- | | **FP1108** | Product Series (Flat-Pac, 11x8mm size) | | **R1** | Revision or specific internal design code | | **R18** | Inductance value (R18 = 0.18 µH) | | **-R** | RoHS Compliant / Lead-free | --- ### 4. Common Applications Due to its high saturation current and extremely low DC resistance, this part is typically used in: * **Multi-phase VRMs:** Used in servers and workstations to power high-performance CPUs and GPUs. * **Point-of-Load (POL) Converters:** Providing stable power to localized circuits on a motherboard. * **Desktop and Server Motherboards:** Handling high-speed switching power supplies. * **Data Centers:** Where high efficiency and power density are critical. --- ### 5. Design Advantages ```cpp // Thermal Management Example // Because DCR is extremely low (0.32 mOhms), the power loss is minimal: Power_Loss = (I_rms^2) * DCR; // Power_Loss = (53^2) * 0.00032 = 0.89 Watts approx. ``` * **Efficiency:** The low DCR reduces heat generation even at 50A+ currents. * **Saturation Stability:** The "soft" saturation characteristics of ferrite ensure the inductor doesn't lose performance abruptly under high load spikes.
    ✨ Follow-up Questions
    • ⤷ What are the footprints or pad layout recommendations for the FP1108 series?
    • ⤷ How does the saturation current (Isat) change at high temperatures for this part?
    • ⤷ Are there alternative inductors with higher inductance but similar current ratings?