データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP2-D082-R

  • AI
    The **FP2-D082-R** is a specific digital output module belonging to the **Panasonic (formerly Aromat/Matsushita) FP2/FP2SH Series** of Programmable Logic Controllers (PLCs). This module is designed to interface the PLC's CPU with external actuators like solenoids, motor starters, and lamps. --- ### 1. General Specifications The "D082" designation typically indicates the point density and voltage characteristics, while the "R" signifies a **Relay Output** type. | Feature | Specification | | :--- | :--- | | **Module Type** | Digital Output Module | | **Output Type** | Relay (Mechanical) | | **Number of Points** | 8 Points | | **Common Style** | 1 point per common (Isolated) or shared (Model dependent) | | **Rated Load Voltage** | 24V DC / 250V AC | | **Max. Current** | 2A per point (Resistive load) | | **Service Life** | Mechanical: >20 million ops / Electrical: >100,000 ops | --- ### 2. Key Electronic Components & Design The internal circuitry of the FP2-D082-R focuses on isolation and high-current switching. #### A. Relay Contact Mechanisms Unlike Transistor outputs (which use semiconductors), this module uses **Electromechanical Relays**. * **Advantage:** Provides physical air-gap isolation and can switch both AC and DC loads. * **Limitation:** Slower switching speeds (approx. 10ms) and a finite mechanical lifespan compared to solid-state modules. #### B. Optical Isolation The internal logic of the PLC (5V side) is separated from the output power circuit (24V/220V side) via **Optocouplers**. This prevents electrical noise or surges from the load from damaging the PLC’s backplane or CPU. #### C. Surge Protection While many FP2 modules include internal varistors or RC circuits, it is standard practice to use external protection: * **DC Loads:** Diode across the load to prevent back-EMF. * **AC Loads:** Surge absorbers (varistors) to prevent contact welding. --- ### 3. Wiring and Terminal Layout The module typically uses a removable terminal block for easier maintenance. * **L / N or +/-:** External power supply for the load. * **COM:** The common return line for the output points. * **Y0 - Y7:** The individual output addresses used in the PLC ladder logic. --- ### 4. Application Use Cases Because it uses relay outputs, the FP2-D082-R is best suited for: 1. **High Voltage Switching:** Directly controlling 220V AC contactors. 2. **Mixed Loads:** When a single module needs to control both DC and AC devices. 3. **Low-Frequency Switching:** Situations where the output does not need to pulse rapidly (e.g., turning on a pump vs. PWM motor control). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FP2-D082-R?
    • ⤷ How does this relay module compare to a transistor output module like the FP2-Y16T?
    • ⤷ What are the recommended external protection circuits for inductive loads on this module?