データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP2-V150-R

  • AI
    The **FP2-V150-R** is a specific model of a flat panel industrial monitor, commonly used in automation and manufacturing environments. These devices are designed to serve as high-durability interfaces (HMIs) for PLCs and industrial PCs. --- ### Core Electronic Specifications Below is a breakdown of the primary electronic and technical characteristics of the FP2-V150-R: | Feature | Specification | | :--- | :--- | | **Display Size** | 15.0-inch TFT Color LCD | | **Resolution** | XGA (1024 x 768 pixels) | | **Backlight Type** | LED (Long-life, non-replaceable) | | **Touch Panel** | Resistive Film (Analog) | | **Input Voltage** | 24V DC (Standard Industrial Power) | | **Interface Ports** | DVI-D, VGA (Analog RGB), USB (for Touch) | | **Certification** | IP65 (Front Panel), CE, UL/cUL | --- ### Key Electronic Components #### 1. Display Module (TFT LCD) The heart of the unit is a 15-inch Thin Film Transistor (TFT) liquid crystal display. * **LED Backlight:** Unlike older CCFL models, the "R" series typically utilizes LED backlighting, which offers lower power consumption, better thermal management, and a longer lifespan (often rated for 50,000+ hours). #### 2. Touch Screen Controller The unit utilizes an **Analog Resistive** touch layer. * **Operation:** It detects pressure from a finger, glove, or stylus by measuring the change in electrical resistance between two layers. * **Connectivity:** The touch data is usually transmitted to the host PC via a dedicated USB Type-B port or a Serial (RS-232C) connection. #### 3. Signal Processing Board The internal PCB handles signal conversion from the input source to the LCD panel: * **Video Conversion:** It converts incoming DVI-D (Digital) or VGA (Analog) signals into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel. * **OSD Control:** Includes circuitry for the "On-Screen Display" (OSD) located on the rear or side, allowing for brightness, contrast, and position adjustments. #### 4. Power Supply Unit (PSU) The device operates on **24V DC**. * **Protection:** The internal power circuitry usually includes surge protection and noise filtering to withstand the "dirty" electrical environments of a factory floor where large motors and relays operate. --- ### Physical and Environmental Build The "electronic" integrity of the device is protected by its housing: * **Material:** Aluminum die-cast or heavy-duty plastic front bezel. * **Cooling:** Passive cooling (fanless) design to prevent dust intake into the electronic boards.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the FP2-V150-R and the newer FP6 series?
    • ⤷ How do I configure the touch driver for this model on Windows 10?
    • ⤷ What is the maximum distance supported for the DVI-D cable connection?