データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FP3-R10

  • AI
    The **FP3-R10** is an output module for the Panasonic (formerly Matsushita/NAiS) FP3 series Programmable Logic Controller (PLC). Specifically, it is a **Relay Contact Output Module**. --- ### ## Technical Specifications Below are the primary electronic characteristics of the FP3-R10: | Parameter | Specification | | :--- | :--- | | **Output Type** | Relay (Electromechanical) | | **Number of Points** | 10 Points | | **Common Method** | 1 point per common (Isolated) | | **Rated Load Capacity** | 2A 250V AC / 2A 30V DC | | **Min. Switching Load** | 10mA 5V DC | | **Response Time** | ON: 10ms or less / OFF: 10ms or less | | **Service Life** | Mechanical: >20 million ops / Electrical: >100,000 ops | | **Internal Power Consumption** | 50mA or less (at 5V DC) | --- ### ### Key Electronic Components & Design #### 1. Mechanical Relays Unlike Transistor or Triac modules, the FP3-R10 uses physical electromagnetic switches. * **Isolation:** Since it uses physical contacts, there is high galvanic isolation between the PLC internal logic circuit and the external load. * **Voltage Flexibility:** It can switch both AC and DC voltages within the same module (though usually restricted by common points). #### 2. Indicator LEDs The front panel features status LEDs for each of the 10 output points. These are driven by the logic side of the circuit to provide visual confirmation that the PLC CPU has commanded the relay to close. #### 3. Terminal Block The module typically uses a screw-type terminal block for secure wiring. Because it is a 10-point relay module, it provides a high degree of "independent" wiring compared to high-density 32-point transistor modules. --- ### ### Protection & Wiring Considerations To ensure the electronic longevity of the FP3-R10, certain external components are often required: * **Inductive Loads:** When switching motors or solenoids, "Back EMF" can damage the relay contacts. * **DC Loads:** Use a Diode in parallel with the load. * **AC Loads:** Use an RC Snubber (Resistor-Capacitor circuit). * **Fuse Protection:** The module does not typically have internal user-replaceable fuses for the output tracks; external fusing is recommended for each common line. --- ### ### Pros and Cons | Pros | Cons | | :--- | :--- | | Can handle high current (2A) | Limited switching speed (10ms) | | Works with AC or DC | Limited lifespan due to mechanical wear | | Low "ON" resistance (voltage drop) | Audible clicking noise |
    ✨ Follow-up Questions
    • ⤷ How do I wire an inductive load to the FP3-R10 to prevent contact welding?
    • ⤷ What is the difference between the FP3-R10 and FP3-Y16T transistor modules?
    • ⤷ Is the FP3-R10 compatible with the newer FP-X or FP-Sigma series?